Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7875LP Datasheet(PDF) 7 Page - Analog Devices

Part # AD7875LP
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7875LP Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7875LP Datasheet HTML 3Page - Analog Devices AD7875LP Datasheet HTML 4Page - Analog Devices AD7875LP Datasheet HTML 5Page - Analog Devices AD7875LP Datasheet HTML 6Page - Analog Devices AD7875LP Datasheet HTML 7Page - Analog Devices AD7875LP Datasheet HTML 8Page - Analog Devices AD7875LP Datasheet HTML 9Page - Analog Devices AD7875LP Datasheet HTML 10Page - Analog Devices AD7875LP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. B
2
AD7870/AD7875/AD7876
–7–
to the conversion time plus the track/hold amplifier
acquisition time. For a 2.5 MHz input clock the throughput
rate is 10
µs max.
The operation of the track/hold is essentially transparent to the
user. The track/hold amplifier goes from its tracking mode to its
hold mode at the start of conversion. If the
CONVST input is
used to start conversion then the track to hold transition occurs
on the rising edge of
CONVST. If CS starts conversion, this
transition occurs on the falling edge of
CS.
ANALOG INPUT
The three parts differ from each other in the analog input volt-
age range that they can handle. The AD7870 accepts
±3 V
input signals, the AD7876 accepts a
±10 V input range, while
the input range for the AD7875 is 0 V to +5 V.
Figure 5a shows the AD7870 analog input. The analog input
range is
±3 V into an input resistance of typically 15 kΩ. The
designed code transitions occur midway between successive
integer LSB values (i.e., 1/2 LSB, 3/2 LSBs, 5/2 LSBs . . .
FS–3/2 LSBs). The output code is twos complement binary
with 1 LSB = FS/4096 = 6 V/4096 = 1.46 mV. The ideal input/
output transfer function is shown in Figure 6.
Figure 5a. AD7870 Analog Input
The AD7876 analog input structure is shown in Figure 5b. The
analog input range is
±10 V into an input resistance of typically
33 k
Ω. As before, the designed code transitions occur midway
between successive integer LSB values. The output code is 2s
complement with 1 LSB = FS/4096 = 20 V/4096 = 4.88 mV.
The ideal input/output transfer function is shown in Figure 6.
Figure 5b. AD7876 Analog Input
Figure 5c shows the analog input for the AD7875. The input
range is 0 V to +5 V into an input resistance of typically 25 k
Ω.
Once again, the designed code transitions occur midway
between successive integer LSB values. The output code is
CONVERTER DETAILS
The AD7870/AD7875/AD7876 is a complete 12-bit A/D con-
verter, requiring no external components apart from power
supply decoupling capacitors. It is comprised of a 12-bit suc-
cessive approximation ADC based on a fast settling voltage
output DAC, a high speed comparator and SAR, a track/hold
amplifier, a 3 V buried Zener reference, a clock oscillator and
control logic.
INTERNAL REFERENCE
The AD7870/AD7875/AD7876 has an on-chip temperature
compensated buried Zener reference that is factory trimmed to
3 V
±10 mV. Internally it provides both the DAC reference
and the dc bias required for bipolar operation (AD7870 and
AD7876). The reference output is available (REF OUT) and
capable of providing up to 500
µA to an external load.
The maximum recommended capacitance on REF OUT for
normal operation is 50 pF. If the reference is required for use
external to the ADC, it should be decoupled with a 200
Ω
resistor in series with a parallel combination of a 10
µF tanta-
lum capacitor and a 0.1
µF ceramic capacitor. These decoupling
components are required to remove voltage spikes caused by
the ADC’s internal operation.
Figure 3. Reference Circuit
The reference output voltage is 3 V. For applications using the
AD7875 or AD7876, a 5 V or 10 V reference may be required.
Figure 4 shows how to scale the 3 V REF OUT voltage to pro-
vide either a 5 V or 10 V external reference.
Figure 4. Generating a 5 V or 10 V Reference
TRACK-AND-HOLD AMPLIFIER
The track-and-hold amplifier on the analog input of the AD7870/
AD7875/AD7876 allows the ADC to accurately convert input
frequencies to 12-bit accuracy. The input bandwidth of the
track/hold amplifier is much greater than the Nyquist rate of the
ADC even when the ADC is operated at its maximum through-
put rate. The 0.1 dB cutoff frequency occurs typically at 500
kHz. The track/hold amplifier acquires an input signal to 12-bit
accuracy in less than 2
µs. The overall throughput rate is equal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com