Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7875LP Datasheet(PDF) 10 Page - Analog Devices

Part # AD7875LP
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7875LP Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7875LP Datasheet HTML 6Page - Analog Devices AD7875LP Datasheet HTML 7Page - Analog Devices AD7875LP Datasheet HTML 8Page - Analog Devices AD7875LP Datasheet HTML 9Page - Analog Devices AD7875LP Datasheet HTML 10Page - Analog Devices AD7875LP Datasheet HTML 11Page - Analog Devices AD7875LP Datasheet HTML 12Page - Analog Devices AD7875LP Datasheet HTML 13Page - Analog Devices AD7875LP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. B
AD7870/AD7875/AD7876
–10–
Figure 10. Mode 1 Timing Diagram, Byte or Serial Read
its
BUSY function. BUSY goes low at the start of conversion,
stays low during the conversion and returns high when the con-
version is complete. It is normally used in parallel interfaces to
drive the microprocessor into a WAIT state for the duration of
conversion.
Figure 11 shows the Mode 2 timing diagram for the 12-bit par-
allel data output format (12/
8/CLK = +5 V). In this case, the
ADC behaves like slow memory. The major advantage of this
interface is that it allows the microprocessor to start conversion,
WAIT and then read data with a single READ instruction. The
user does not have to worry about servicing interrupts or ensur-
ing that software delays are long enough to avoid reading during
conversion.
Figure 11. Mode 2 Timing Diagram, 12-Bit Parallel Read
The Mode 1 timing diagram for byte and serial data is shown in
Figure 10.
INT goes low at the end of conversion and is reset
high by the first falling edge of
CS and RD. This first read at the
end of conversion can either access the low byte or high byte of
data depending on the status of HBEN (Figure 10 shows low
byte only for example). The diagram shows both a noncontinu-
ously and a continuously running clock (dashed line).
MODE 2 INTERFACE
The second interface mode is achieved by hard wiring
CONVST
low and conversion is initiated by taking
CS low while HBEN is
low. The track/hold amplifier goes into the hold mode on the
falling edge of
CS. In this mode, the BUSY/INT pin assumes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com