Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD790 Datasheet(PDF) 2 Page - Analog Devices

Part # AD790
Description  Fast, Precision Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD790 Datasheet(HTML) 2 Page - Analog Devices

  AD790 Datasheet HTML 1Page - Analog Devices AD790 Datasheet HTML 2Page - Analog Devices AD790 Datasheet HTML 3Page - Analog Devices AD790 Datasheet HTML 4Page - Analog Devices AD790 Datasheet HTML 5Page - Analog Devices AD790 Datasheet HTML 6Page - Analog Devices AD790 Datasheet HTML 7Page - Analog Devices AD790 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. B
–2–
AD790–SPECIFICATIONS
DUAL SUPPLY
AD790J/A
AD790K/B
AD790S
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
RESPONSE CHARACTERISTIC
100 mV Step
Propagation Delay, tPD
5 mV Overdrive
40
45
40
45
40
45
ns
TMIN to TMAX
45/50
45/50
60
ns
OUTPUT CHARACTERISTICS
Output HIGH Voltage, VOH
1.6 mA Source
4.65
4.65
4.65
6.4 mA Source
4.3
4.45
4.3
4.45
4.3
4.45
V
TMIN to TMAX
4.3/4.3
4.3
4.3
V
Output LOW Voltage, VOL
1.6 mA Sink
0.35
0.35
0.35
V
6.4 mA Sink
0.44
0.5
0.44
0.5
0.44
0.5
V
TMIN to TMAX
0.5/0.5
0.5
0.5
V
INPUT CHARACTERISTICS
Offset Voltage
1
0.2
1.0
0.05
0.25
0.2
1.0
mV
TMIN to TMAX
1.5
0.5
1.5
mV
Hysteresis
2
TMIN to TMAX
0.3
0.4
0.6
0.3
0.4
0.5
0.3
0.4
0.65
mV
Bias Current
Either Input
2.5
5
1.8
3.5
2.5
5
µA
TMIN to TMAX
6.5
4.5
7
µA
Offset Current
0.04
0.25
0.02
0.15
0.04
0.25
µA
TMIN to TMAX
0.3
0.2
0.4
µA
Power Supply
Rejection Ratio DC
VS ± 20%
80
90
88
100
80
90
dB
TMIN to TMAX
76
88
85
93
76
85
dB
Input Voltage Range
Differential Voltage
VS ≤± 15 V
VS
VS
VS
V
Common Mode
–VS
+VS–2 V
–VS
+VS–2 V
–VS
+VS–2 V V
Common Mode
Rejection Ratio
–10 V<VCM
80
95
88
105
80
95
dB
<+10 V
TMIN to TMAX
76
90
85
100
76
88
dB
Input Impedance
20 220 220 2M
Ω pF
LATCH CHARACTERISTICS
Latch Hold Time, tH
25
35
25
35
25
35
ns
Latch Setup Time, tS
510
5
10
510
ns
LOW Input Level, VIL
TMIN to TMAX
0.8
0.8
0.8
V
HIGH Input Level, VIH
TMIN to TMA X
1.6
1.6
1.6
V
Latch Input Current
2.3
5
2.3
3.5
2.3
5
µA
TMIN to TMAX
7
58
µA
SUPPLY CHARACTERISTICS
Diff Supply Voltage
3
VLOGIC = 5 V
TMIN to TMAX
4.5
33
4.5
33
4.7
33
V
Logic Supply
TMIN to TMAX
4.0
7
4.0
7
4.2
7
V
Quiescent Current
+VS
+VS = 15 V
8
10
8
10
8
10
mA
–VS
–VS = –15 V
4
5
4
5
4
5
mA
VLOGIC
VLOGIC = 5 V
2
3.3
2
3.3
2
3.3
mA
Power Dissipation
242
242
242
mW
TEMPERATURE RANGE
Rated Performance
TMIN to TMAX
0 to +70/–40 to +85
0 to +70/–40 to +85
–55 to +125
°C
NOTES
1Defined as the average of the input voltages at the low to high and high to low transition points. Refer to Figure 14.
2Defined as half the magnitude between the input voltages at the low to high and high to low transition points. Refer to Figure 14.
3+V
S must be no lower than (VLOGIC –0.5 V) in any supply operating conditions, except during power up.
All min and max specifications are guaranteed. Specifications shown in boldface are tested on all production units at final test.
Specifications subject to change without notice.
(Operation @ +25 C and +VS = +15 V, –VS = –15 V, VLOGIC = +5 V unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com