Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD790 Datasheet(PDF) 4 Page - Analog Devices

Part # AD790
Description  Fast, Precision Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD790 Datasheet(HTML) 4 Page - Analog Devices

  AD790 Datasheet HTML 1Page - Analog Devices AD790 Datasheet HTML 2Page - Analog Devices AD790 Datasheet HTML 3Page - Analog Devices AD790 Datasheet HTML 4Page - Analog Devices AD790 Datasheet HTML 5Page - Analog Devices AD790 Datasheet HTML 6Page - Analog Devices AD790 Datasheet HTML 7Page - Analog Devices AD790 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD790
REV. B
–4–
ABSOLUTE MAXIMUM RATINGS
1, 2
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
. . . . . . . . . . . . . . . . . . . 500 mW
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . .
±16.5 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range
(N, R) . . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
(Q) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . +300
°C
Logic Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
METALIZATION PHOTOGRAPH
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).
Call factory for chip specifications.
AD790
0.1µF
0.1µF
0.1µF
15V
+
+IN
–IN
5V
+
510
OUTPUT
15V
–
LATCH
(OPTIONAL)
8
1
5
7
6
4
3
2
Ω
Figure 1. Basic Dual Supply
Configuration (N, Q Package Pinout)
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Thermal characteristics: plastic N-8 package:
θ
JA = 90°C/watt; ceramic Q-8
package:
θ
JA = 110°C/watt, θJC = 30°C/watt. SOIC (R-8) package: θJA = 160°C
watt;
θ
JC = 42°C/watt.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description Option
AD790JN
0
°C to +70°C
Plastic DIP
N-8
AD790JR
0
°C to +70°C
SOIC
SO-8
AD790JR-REEL
0
°C to +70°C
Reel
AD790JR-REEL7 0
°C to +70°C
SOIC
R-8
AD790KN
0
°C to +70°C
Plastic DIP
N-8
AD790AQ
–40
°C to +85°C
Cerdip
Q-8
AD790BQ
–40
°C to +85°C
Cerdip
Q-8
AD790SQ
–55
°C to +125°C Cerdip
Q-8
AD790SQ/883B
–55
°C to +125°C Cerdip
Q-8
AD790S Chips
–55
°C to +125°C Die
AD790
1
2
3
4
5
6
7
8
0.1µF
+IN
–IN
5V
+
OUTPUT
LATCH
(OPTIONAL)
510
Ω
Figure 2. Basic Single Supply
Configuration (N, Q Package Pinout)
AD790
1
2
3
4
5
6
7
8
+5V
+15V
–15V
TEK
7904
SCOPE
–5V
VOLTAGE
SOURCE
10
Ω
–5mV
0.1µF
–100mV
–1.3V
–1.7V
–5V
HP8112
PULSE
GENERATOR
1k
HP2835
MPS
571
0.1µF
0.1µF
0.1µF
10k
Ω
650
Ω
400
Ω
50
Ω
25
Ω
130
Ω
Figure 3. Response Time Test Circuit (N, Q Package Pinout)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com