Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8012ARM Datasheet(PDF) 7 Page - Analog Devices

Part # AD8012ARM
Description  Dual 350 MHz Low Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8012ARM Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8012ARM Datasheet HTML 3Page - Analog Devices AD8012ARM Datasheet HTML 4Page - Analog Devices AD8012ARM Datasheet HTML 5Page - Analog Devices AD8012ARM Datasheet HTML 6Page - Analog Devices AD8012ARM Datasheet HTML 7Page - Analog Devices AD8012ARM Datasheet HTML 8Page - Analog Devices AD8012ARM Datasheet HTML 9Page - Analog Devices AD8012ARM Datasheet HTML 10Page - Analog Devices AD8012ARM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AD8012
–7–
REV. A
RL –
–40
–90
10
1k
100
–70
–80
–60
–50
G = +2
VOUT = 2V p-p
RF = 750
3rd
2nd
Figure 16. Distortion vs. Load Resistance; VS = ±5 V,
Frequency = 500 kHz
3rd
RL = 1k
FREQUENCY
MHz
1
10
20
2nd
RL = 1k
3rd
RL = 100
2nd
RL = 100
–40
–60
–80
–100
G = +2
VOUT = 2V p-p
RF = 750
Figure 17. Distortion vs. Frequency; VS = ±5 V
FREQUENCY
MHz
0.1
10
100
G = +2
VO = 0.3V p-p
RF = 750
RL = 100
VS = 5V
1
0.3
–0.3
0.2
–0.1
0.1
0
–0.2
–0.4
–0.5
0.4
0.5
Figure 18. Gain Flatness; VS = ±5 V
RL –
–40
–90
10
1k
100
–70
–80
–60
–50
G = +2
VOUT = 2V p-p
RF = 750
2nd
3rd
Figure 19. Distortion vs. Load Resistance; VS = +5 V,
Frequency = 500 kHz
–40
–100
10
20
–80
–60
G = +2
VOUT = 2V p-p
RF = 750
FREQUENCY – MHz
1
3rd
RL = 1k
2nd
RL = 1k
3rd
RL = 100
2nd
RL = 100
Figure 20. Distortion vs. Frequency; VS = +5 V
FREQUENCY
MHz
0.1
10
100
G = +2
VO = 0.3V p-p
RF = 750
RL = 100
VS = +5V
1
0.3
–0.3
0.2
–0.1
0.1
0
–0.2
–0.4
–0.5
0.4
0.5
Figure 21. Gain Flatness; VS = +5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com