Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8012ARM Datasheet(PDF) 9 Page - Analog Devices

Part # AD8012ARM
Description  Dual 350 MHz Low Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8012ARM Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8012ARM Datasheet HTML 5Page - Analog Devices AD8012ARM Datasheet HTML 6Page - Analog Devices AD8012ARM Datasheet HTML 7Page - Analog Devices AD8012ARM Datasheet HTML 8Page - Analog Devices AD8012ARM Datasheet HTML 9Page - Analog Devices AD8012ARM Datasheet HTML 10Page - Analog Devices AD8012ARM Datasheet HTML 11Page - Analog Devices AD8012ARM Datasheet HTML 12Page - Analog Devices AD8012ARM Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AD8012
–9–
REV. A
FREQUENCY – MHz
100
0.1
100
500
1
10
1k
0.01
1
0.03
0.1
10
VS = 5V
VS = +5V
G = +2
RF = 750
Figure 28. Output Resistance vs. Frequency
1E+03
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
135
115
95
75
55
15
–5
FREQUENCY
Hz
35
0
–40
–80
–120
–160
–200
–240
–280
TZ(s)
PHASE
Figure 29. Open-Loop Transimpedance and Phase vs.
Frequency
LOAD –
10
1k
10k
100
7
1
6
3
5
4
2
0
8
9
+5V
5V
Figure 30. Output Swing vs. Load
FREQUENCY – Hz
100
10k
1k
3.6
2.4
3.4
2.8
3.2
3.0
2.6
2.2
2.0
3.8
4.0
CURRENT NOISE
+IN/–IN
VOLTAGE NOISE
26
14
24
18
22
20
16
12
10
28
30
100k
Figure 31. Noise vs. Frequency
9
8
7
6
5
4
3
2
3
4
5
6
7
8
9
10
11
1
0
f = 5MHz
G =
2
RF = 750
RL = 100
RL = 1k
TOTAL SUPPLY VOLTAGE
Volts
Figure 32. Output Swing vs. Supply
0.1%
5ns
G = +2
RF = 750
RL = 100
2V STEP
t = 0
Figure 33. Settling Time, VS = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com