Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8042 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8042
Description  Dual 160 MHz Rail-to-Rail Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8042 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8042 Datasheet HTML 8Page - Analog Devices AD8042 Datasheet HTML 9Page - Analog Devices AD8042 Datasheet HTML 10Page - Analog Devices AD8042 Datasheet HTML 11Page - Analog Devices AD8042 Datasheet HTML 12Page - Analog Devices AD8042 Datasheet HTML 13Page - Analog Devices AD8042 Datasheet HTML 14Page - Analog Devices AD8042 Datasheet HTML 15Page - Analog Devices AD8042 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. C
AD8042
–13–
Each of the AD8042’s op amps is configured as a unity gain
follower by the feedback resistors (RA). Each op amp output
also drives the other as a unity gain inverter via the two RBS,
creating a totally symmetrical circuit.
If the + input to Amp 2 is grounded and a small positive signal
is applied to the + input of Amp 1, the output of Amp 1 will be
driven to saturation in the positive direction and the input of
Amp 2 driven to saturation in the negative direction. This is
similar to the way a conventional op amp behaves without any
feedback.
If a resistor (RF) is connected from the output of Amp 2 to the
+ input of Amp 1, negative feedback is provided which closes
the loop. An input resistor (RI) will make the circuit look like a
conventional inverting op amp configuration with differential
outputs.
The gain of this circuit from input to either output will be
±RF/
RI. Or the single-ended-to-differential gain will be 2
¥ RF/RI.
This gives the circuit the advantage of being able to adjust its
gain by changing a single resistor.
The cable has a characteristic impedance of about 120
W. Each
driver output is back terminated with a pair of 60.4
W resistors
to make the source look like 120
W. The receive end is termi-
nated with 121
W, and the signal is measured differentially with
a pair of scope probes. One channel on the oscilloscope is
inverted and then the signals are added.
The scope photo in Figure 9 shows a 10 MHz, 2 V p-p input signal
driving the circuit with 50 m of category 5 twisted pair wire.
10
0%
100
90
50ns
1V
200mV
VIN
VOUT
200mV
Figure 9. Differential Driver Frequency Response
Single-Supply Differential A/D Driver
The single-ended-to-differential converter circuit is also useful
as a differential driver for video speed, single-ended, differential
input A/D converters. Figure 10 is a schematic that shows such
a circuit differentially driving an AD9220, a 12-bit, 10-MSPS
A/D converter.
AD9220
VINA
VINB
CAPT
CAPB
VREF
SENSE
CML
CLK
19
27
25
14
13
12
11
10
9
8
7
6
5
4
3
2
+5V
0.1 F
DVDD
AVDD
AVDD
REFCOM
DVSS AVSS AVSS
16
28
15
26
OTR
BIT1
BIT2
BIT3
BIT4
BIT5
BIT6
BIT7
BIT8
BIT9
BIT10
BIT11
BIT12
CLOCK
1
0.1 F
0.1 F
18
17
22
10/16
8
3
2
6
5
7
4
+5V
1
AD8042
2.49k
0.1 F
1k
VIN
1k
1k
1k
1k
1k
0.1 F
+5V
+5V
0.1 F
2.49k
0.1 F
0.1 F
+5V
0.1 F
+5V
0.1 F
Figure 10. AD8042 Differential Driver for
the AD9220 12-Bit, 10-MSPS A/D Converter
The circuit was tested with a 1 MHz input signal and clocked at
10 MHz. An FFT response of the digital output is shown in
Figure 11.
Pin 5 is biased at 2.5 V by the voltage divider and bypassed. This
biases each output at 2.5 V. VIN is ac coupled such that VIN going
positive makes VINA go positive and VINB go in the negative
direction. The opposite happens for a negative going VIN.
1
4
9
7
2
3
6
8
5
FUND FRQ
1000977
SMPL FRQ 10000000
THD
–82.00
SNR
71.13
SINAD 70.79
SFDR
–86.74
2nd –88.34
3rd –86.74
4th –99.26
5th –90.67
6th –99.47
7th –91.16
8th –97.25
9th –91.61
HARMONICS (dBc)
Figure 11. FFT of AD9220 Output When Driven by AD8042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com