Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8074 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8074
Description  500 MHz, G = -1 and 2 Triple Video Buffers with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8074 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8074 Datasheet HTML 8Page - Analog Devices AD8074 Datasheet HTML 9Page - Analog Devices AD8074 Datasheet HTML 10Page - Analog Devices AD8074 Datasheet HTML 11Page - Analog Devices AD8074 Datasheet HTML 12Page - Analog Devices AD8074 Datasheet HTML 13Page - Analog Devices AD8074 Datasheet HTML 14Page - Analog Devices AD8074 Datasheet HTML 15Page - Analog Devices AD8074 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. A
AD8074/AD8075
–13–
AGND
AGND
TP4
TP3
DO NOT INSTALL
AGND
AGND
AGND
DO NOT INSTALL
10 F
C2
C1
10 F
50
IMPEDANCE LINE
50
IMPEDANCE LINE
VEE
VEE
VCC
VCC
AGND
VEE
VCC
TP1
AGND
TP2
AGND
DO NOT INSTALL
AGND
75
IMPEDANCE LINE
75
IN1
IN1
AGND
R2
75
IMPEDANCE LINE
IN2
75
R1
IN2
AGND
AGND
AGND
75
IMPEDANCE LINE
IN0
R3
75
IN0
AGND
50
IMPEDANCE LINE
DISOUT
VCC
W2
DO NOT INSTALL
R16
20k
R11
50
C8
C6
DISOUT
TP5
VEE
0.01 F
0.1 F
C3
VEE
0.1 F
AGND
AGND
C11
0.01 F
C7
0.1 F
AGND
AGND
OUT0
75
IMPEDANCE LINE
75
R12
150
AGND
DO NOT INSTALL
OUT0
R9
AGND
AGND
VEE
OUT1
OUT2
VCC
AGND
0.01 F
C13
C12
0.01 F
75
IMPEDANCE LINE
AGND
75
IMPEDANCE LINE
R7
75
75
R8
150
R6
AGND
R10
150
AGND
DO NOT INSTALL
DO NOT INSTALL
OUT2
OUT1
AGND
AGND
AGND
AGND
VCC
0.01 F
C15
0.01 F
C14
VEE
VCC
VCC
OUT2
VEE
OUT1
VCC
OUT0
VEE
IN0
AGND
IN1
AGND
IN2
DGND
OE
AD8074
DUT
+
+
3
P1
1
P1
2
P1
1
2
3
4
5
6
7
8
10
9
11
12
13
14
15
16
Figure 5. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com