Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8074 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8074
Description  500 MHz, G = -1 and 2 Triple Video Buffers with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8074 Datasheet(HTML) 4 Page - Analog Devices

  AD8074 Datasheet HTML 1Page - Analog Devices AD8074 Datasheet HTML 2Page - Analog Devices AD8074 Datasheet HTML 3Page - Analog Devices AD8074 Datasheet HTML 4Page - Analog Devices AD8074 Datasheet HTML 5Page - Analog Devices AD8074 Datasheet HTML 6Page - Analog Devices AD8074 Datasheet HTML 7Page - Analog Devices AD8074 Datasheet HTML 8Page - Analog Devices AD8074 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. A
AD8074/AD8075–Typical Performance Characteristics
–4–
GAIN
2V p-p
200mV p-p
FREQUENCY – MHz
0.1
1000
1
10
100
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
FLATNESS
TPC 1. AD8074 Frequency Response; RL = 150
Ω
0.1
1000
1
10
100
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
200mV p-p
2V p-p
GAIN
FLATNESS
FREQUENCY – MHz
200mV p-p
2V p-p
TPC 2. AD8074 Frequency Response; RL = 1 k
Ω, CL = 5 pF
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
0.1
1
10
100
1000
FREQUENCY – MHz
VOUT = 2V p-p
CL = 10pF
CL = 0pF
CL = 5pF
VIN
VOUT
CL
1k
75
TPC 3. AD8074 Frequency Response vs. Capacitive Load
FLATNESS
GAIN
2V p-p
200mV p-p
2V p-p
FREQUENCY – MHz
0.1
1000
1
10
100
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
TPC 4. AD8075 Frequency Response; RL = 150
Ω
0.1
1000
1
10
100
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
2V p-p
GAIN
FLATNESS
200mV p-p
FREQUENCY – MHz
2V p-p
TPC 5. AD8075 Frequency Response; RL = 1 k
Ω, CL = 5 pF
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
0.1
1
10
100
1000
FREQUENCY – MHz
VOUT = 2V p-p
CL = 10pF
CL = 0pF
CL = 5pF
VIN
VOUT
CL
150k
75
TPC 6. AD8075 Frequency Response vs. Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com