Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8032ARM Datasheet(PDF) 14 Page - Analog Devices

Part # AD8032ARM
Description  2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8032ARM Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8032ARM Datasheet HTML 8Page - Analog Devices AD8032ARM Datasheet HTML 9Page - Analog Devices AD8032ARM Datasheet HTML 10Page - Analog Devices AD8032ARM Datasheet HTML 11Page - Analog Devices AD8032ARM Datasheet HTML 12Page - Analog Devices AD8032ARM Datasheet HTML 13Page - Analog Devices AD8032ARM Datasheet HTML 14Page - Analog Devices AD8032ARM Datasheet HTML 15Page - Analog Devices AD8032ARM Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8031/AD8032
–14–
REV. B
APPLICATIONS
A 2 MHz Single Supply Biquad Bandpass Filter
Figure 42 shows a circuit for a single supply biquad bandpass
filter with a center frequency of 2 MHz. A 2.5 V bias level is
easily created by connecting the noninverting inputs of all three
op amps to a resistor divider consisting of two 1 k
Ω resistors
connected between +5 V and ground. This bias point is also
decoupled to ground with a 0.1
µF capacitor. The frequency
response of the filter is shown in Figure 43.
In order to maintain an accurate center frequency, it is essential
that the op amp has sufficient loop gain at 2 MHz. This requires
the choice of an op amp with a significantly higher unity gain
crossover frequency. The unity gain crossover frequency of the
AD8031/AD8032 is 40 MHz. Multiplying the open-loop gain by
the feedback factors of the individual op amp circuits yields the
loop gain for each gain stage. From the feedback networks of the
individual op amp circuits, we can see that each op amp has a
loop gain of at least 21 dB. This level is high enough to ensure
that the center frequency of the filter is not affected by the op
amp’s bandwidth. If, for example, an op amp with a gain band-
width product of 10 MHz was chosen in this application, the
resulting center frequency would shift by 20% to 1.6 MHz.
+5V
0.1 F
0.1 F
VIN
R2
2k
1k
1k
AD8031
C1
50pF
R1
3k
R3
2k
+5V
0.1 F
R4
2k
1/2
AD8032
R5
2k
VOUT
1/2
AD8032
C2
50pF
R6
1k
Figure 42. A 2 MHz Biquad Bandpass Filter Using AD8031/
AD8032
1M
FREQUENCY – Hz
10k
100M
100k
10M
–50
0
–10
–30
–40
–20
Figure 43. Frequency Response of 2 MHz Bandpass Filter
High Performance Single Supply Line Driver
Even though the AD8031/AD8032 swing close to both rails,
the AD8031 has optimum distortion performance when the
signal has a common-mode level half way between the supplies
and when there is about 500 mV of headroom to each rail. If
low distortion is required in single supply applications for sig-
nals that swing close to ground, an emitter follower circuit can
be used at the op amp output.
+5V
0.1 F
7
3
2
2N3904
200
VOUT
6
2.49k
49.9
4
10 F
AD8031
VIN
2.49k
49.9
49.9
Figure 44. Low Distortion Line Driver for Single Supply
Ground Referenced Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com