Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8032ARM Datasheet(PDF) 15 Page - Analog Devices

Part # AD8032ARM
Description  2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8032ARM Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8032ARM Datasheet HTML 8Page - Analog Devices AD8032ARM Datasheet HTML 9Page - Analog Devices AD8032ARM Datasheet HTML 10Page - Analog Devices AD8032ARM Datasheet HTML 11Page - Analog Devices AD8032ARM Datasheet HTML 12Page - Analog Devices AD8032ARM Datasheet HTML 13Page - Analog Devices AD8032ARM Datasheet HTML 14Page - Analog Devices AD8032ARM Datasheet HTML 15Page - Analog Devices AD8032ARM Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD8031/AD8032
–15–
REV. B
Figure 44 shows the AD8031 configured as a single supply gain-
of-2 line driver. With the output driving a back terminated 50
Ω
line, the overall gain from VIN to VOUT is unity. In addition to
minimizing reflections, the 50
Ω back termination resistor pro-
tects the transistor from damage if the cable is short circuited.
The emitter follower, which is inside the feedback loop, ensures
that the output voltage from the AD8031 stays about 700 mV
above ground. Using this circuit, very low distortion is attain-
able even when the output signal swings to within 50 mV of
ground. The circuit was tested at 500 kHz and 2 MHz. Figures
45 and 46 show the output signal swing and frequency spectrum
at 500 kHz. At this frequency, the output signal (at VOUT),
which has a peak-to-peak swing of 1.95 V (50 mV to 2 V), has a
THD of –68 dB (SFDR = –77 dB).
2V
50mV
10
0%
100
90
1 s
0.5V
Figure 45. Output Signal Swing of Low Distortion Line
Driver at 500 kHz
STOP 5MHz
START 0Hz
+9dBm
Figure 46. THD of Low Distortion Line Driver at 500 kHz
Figures 47 and 48 show the output signal swing and frequency
spectrum at 2 MHz. As expected, there is some degradation in
signal quality at the higher frequency. When the output signal
has a peak-to-peak swing of 1.45 V (swinging from 50 mV to
1.5 V), the THD is –55 dB (SFDR = –60 dB).
This circuit could also be used to drive the analog input of a
single supply high speed ADC whose input voltage range is
referenced to ground (e.g., 0 V to 2 V or 0 V to 4 V). In this
case, a back termination resistor is not necessary (assuming a
short physical distance from transistor to ADC), so the emit-
ter of the external transistor would be connected directly to the
ADC input. The available output voltage swing of the circuit
would, therefore be doubled.
50mV
10
0%
100
90
200ns
0.2V
1.5V
Figure 47. Output Signal Swing of Low Distortion Line
Driver at 2 MHz
START 0Hz
STOP 20MHz
+7dBm
Figure 48. THD of Low Distortion Line Driver at 2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com