Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3106 Datasheet(PDF) 13 Page - Vicor Corporation

Part # PI3106
Description  18-36V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3106 Datasheet(HTML) 13 Page - Vicor Corporation

Back Button PI3106_01 Datasheet HTML 7Page - Vicor Corporation PI3106_01 Datasheet HTML 8Page - Vicor Corporation PI3106_01 Datasheet HTML 9Page - Vicor Corporation PI3106_01 Datasheet HTML 10Page - Vicor Corporation PI3106_01 Datasheet HTML 11Page - Vicor Corporation PI3106_01 Datasheet HTML 12Page - Vicor Corporation PI3106_01 Datasheet HTML 13Page - Vicor Corporation PI3106_01 Datasheet HTML 14Page - Vicor Corporation PI3106_01 Datasheet HTML 15Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Picor Corporation • picorpower.com
Preliminary PI3106-01-HVIZ
Rev 1.3, Jan 17
th, 2012 Page 13 of 15
Ordering Information And Available Options:
Available Options – Heat Sinks
:
At present, Picor offers four different heat sink options to accommodate the customers space and cooling needs.
Heat sinks are available in two sizes, one with 6.3mm fins and the other with 11mm fins. Each of those heat sinks
can be ordered with a specific air flow direction in mind, both X-Flow and longitudinal are supported.
Figure 16 Picor PI3106-01-HVIZ Heat Sink Options:
* Assorted spring loaded push pins (not provided) are available to accommodate various PCB thicknesses.
Please visit www.vicorpower.com for ordering information and details.
Part Number
Package
PI3106-01-HVIZ
0.87”(w) x 0.65”(l) x 0.265”(h)
32784
Transverse Fins Heatsink 11 mm *
32786
Transverse Fins Heatsink 6.3mm *
32783
Longitudinal Fins Heatsink 11 mm *
32785
Longitudinal Fins Heatsink 6.3 mm *



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com