Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3106 Datasheet(PDF) 2 Page - Vicor Corporation

Part # PI3106
Description  18-36V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3106 Datasheet(HTML) 2 Page - Vicor Corporation

  PI3106_01 Datasheet HTML 1Page - Vicor Corporation PI3106_01 Datasheet HTML 2Page - Vicor Corporation PI3106_01 Datasheet HTML 3Page - Vicor Corporation PI3106_01 Datasheet HTML 4Page - Vicor Corporation PI3106_01 Datasheet HTML 5Page - Vicor Corporation PI3106_01 Datasheet HTML 6Page - Vicor Corporation PI3106_01 Datasheet HTML 7Page - Vicor Corporation PI3106_01 Datasheet HTML 8Page - Vicor Corporation PI3106_01 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Picor Corporation • picorpower.com
Preliminary PI3106-01-HVIZ
Rev 1.3, Jan 17
th, 2012 Page 2 of 15
Pin Description And Maximum Ratings
Figure 2 Picor PI3106-01-HVIZ Pin Out
Pin Description
Pin
Name
Description
+IN
Primary side positive input voltage terminals.
-IN
Primary side negative input voltage terminals.
ENABLE
Converter enable option, functions as 5V reference and on/off control pin. Pull low for off.
TRIM/SS
External soft start pin and trim function. Connect to SGND or ENABLE through resistor for
trim up or trim down.
TM
Temperature measurement output pin.
SGND
Signal ground, primary side referenced.
+OUT
Isolated secondary DC output voltage positive terminals.
-OUT
Isolated secondary DC output voltage negative terminals.
Absolute Maximum Ratings
+IN to -IN Max Operating Voltage
-1.0 to 41Vdc (operating)
+IN to -IN Max Peak Voltage
45Vdc (non-operating, 100ms)
ENABLE to –IN
-0.3 to 6.0Vdc
TM to –IN
-0.3 to 6.0Vdc
TRIM/SS to –IN
-0.3 to 6.0Vdc
+OUT to –OUT
-0.5 to 14.5.0Vdc
Isolation Voltage (+IN/-IN to +OUT/-OUT)
2250Vdc
Isolation Capacitance (+IN/-IN to +OUT/-OUT)
280 pF
Continuous Output Current
4.2A DC (Tcase < 100°C)
Peak Output Current
12A DC (11mm heatsink, 600LFM)
Operating Junction Temperature
-40 to 125°C
Storage Temperature
-50 to 125°C
Case Temperature During Reflow
245°C
TRIM/SS
+IN
SGND
TM
ENABLE
-IN
+OUT
-OUT
PI3106-01-HVIZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com