Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8114AST Datasheet(PDF) 1 Page - Analog Devices

Part # AD8114AST
Description  Low Cost 225 MHz 16 X 16 Crosspoint Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8114AST Datasheet(HTML) 1 Page - Analog Devices

  AD8114AST Datasheet HTML 1Page - Analog Devices AD8114AST Datasheet HTML 2Page - Analog Devices AD8114AST Datasheet HTML 3Page - Analog Devices AD8114AST Datasheet HTML 4Page - Analog Devices AD8114AST Datasheet HTML 5Page - Analog Devices AD8114AST Datasheet HTML 6Page - Analog Devices AD8114AST Datasheet HTML 7Page - Analog Devices AD8114AST Datasheet HTML 8Page - Analog Devices AD8114AST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8114/AD8115*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
Low Cost 225 MHz
16
16 Crosspoint Switches
FUNCTIONAL BLOCK DIAGRAM
AD8114/AD8115
OUTPUT
BUFFER
G = +1,
G = +2
80
80
256
80-BIT SHIFT REGISTER
WITH 5-BIT
PARALLEL LOADING
PARALLEL LATCH
DECODE
16
5:16 DECODERS
16
CLK
DATA IN
UPDATE
CE
RESET
16 INPUTS
A0
DATA
OUT
16
OUTPUTS
A1
A2
SER/PAR D0 D1 D2 D3 D4
A3
SWITCH
MATRIX
FEATURES
16
16 High Speed Nonblocking Switch Arrays
AD8114; G = +1
AD8115; G = +2
Serial or Parallel Programming of Switch Array
Serial Data Out Allows “Daisy Chaining” of Multiple
16
16s to Create Larger Switch Arrays
High Impedance Output Disable Allows Connection of
Multiple Devices Without Loading the Output Bus
For Smaller Arrays See Our AD8108/AD8109 (8
8) or
AD8110/AD8111 (16
8) Switch Arrays
Complete Solution
Buffered Inputs
Programmable High Impedance Outputs
16 Output Amplifiers, AD8114 (G = +1), AD8115 (G = +2)
Drives 150
Loads
Excellent Video Performance
25 MHz, 0.1 dB Gain Flatness
0.05%/0.05 Differential Gain/Differential Phase Error
(RL = 150
)
Excellent AC Performance
–3 dB Bandwidth: 225 MHz
Slew Rate: 375 V/ s
Low Power of 700 mW (2.75 mW per Point)
Low All Hostile Crosstalk of –70 dB @ 5 MHz
Reset Pin Allows Disabling of All Outputs (Connected
Through a Capacitor to Ground Provides “Power-On”
Reset Capability)
100-Lead LQFP Package (14 mm
14 mm)
APPLICATIONS
Routing of High Speed Signals Including:
Video (NTSC, PAL, S, SECAM, YUV, RGB)
Compressed Video (MPEG, Wavelet)
3-Level Digital Video (HDB3)
Datacomms
Telecomms
PRODUCT DESCRIPTION
The AD8114/AD8115 are high speed 16
× 16 video crosspoint
switch matrices. They offer a –3 dB signal bandwidth greater
than 200 MHz and channel switch times of less than 50 ns with
1% settling. With –70 dB of crosstalk and –90 dB isolation (@
5 MHz), the AD8114/AD8115 are useful in many high speed
applications. The differential gain and differential phase of
better than 0.05% and 0.05
° respectively, along with 0.1 dB
flatness out to 25 MHz while driving a 75
Ω back-terminated
load, make the AD8114/AD8115 ideal for all types of signal
switching.
The AD8114 /AD8115 include 16 independent output buffers
that can be placed into a high impedance state for paralleling
crosspoint outputs so that off channels do not load the output
bus. The AD8114 has a gain of +1, while the AD8115 offers
a gain of +2. They operate on voltage supplies of
±5 V while
consuming only 70 mA of idle current. The channel switching
is performed via a serial digital control (which can accommo-
date “daisy chaining” of several devices) or via a parallel control
allowing updating of an individual output without reprogram-
ming the entire array.
The AD8114/AD8115 is packaged in 100-lead LQFP package
and is available over the extended industrial temperature range
of –40
°C to +85°C.
*Patent Pending.


Similar Part No. - AD8114AST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8114AST AD-AD8114AST Datasheet
1Mb / 32P
Low Cost 225 MHz 16 횞 16 Crosspoint Switches
REV. B
AD8114ASTZ AD-AD8114ASTZ Datasheet
403Kb / 25P
16x16 Crosspoint Switches
7/2016-Rev. B to Rev. C
AD8114ASTZ2 AD-AD8114ASTZ2 Datasheet
1Mb / 32P
Low Cost 225 MHz 16 횞 16 Crosspoint Switches
REV. B
More results

Similar Description - AD8114AST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8110 AD-AD8110 Datasheet
441Kb / 28P
260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV.0
AD8116 AD-AD8116 Datasheet
287Kb / 26P
200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV.A
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
750 MHz, 16 x 16 Analog Crosspoint Switch
REV. 0
AD8114 AD-AD8114_05 Datasheet
1Mb / 32P
Low Cost 225 MHz 16 횞 16 Crosspoint Switches
REV. B
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_15 Datasheet
645Kb / 29P
260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8114 AD-AD8114_15 Datasheet
1Mb / 33P
Low Cost 225 MHz
REV. B
AD8115 AD-AD8115_15 Datasheet
1Mb / 33P
Low Cost 225 MHz
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com