Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD813 Datasheet(PDF) 15 Page - Analog Devices

Part # AD813
Description  Single Supply, Low Power Triple Video Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD813 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD813 Datasheet HTML 11Page - Analog Devices AD813 Datasheet HTML 12Page - Analog Devices AD813 Datasheet HTML 13Page - Analog Devices AD813 Datasheet HTML 14Page - Analog Devices AD813 Datasheet HTML 15Page - Analog Devices AD813 Datasheet HTML 16Page - Analog Devices AD813 Datasheet HTML 17Page - Analog Devices AD813 Datasheet HTML 18Page - Analog Devices AD813 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
AD813
REV. B
–15–
Overload Recovery
There are three important overload conditions to consider.
They are due to: input common-mode voltage overdrive, out-
put voltage overdrive, and input current overdrive. When the
amplifier is configured for low closed-loop gains, and the input
common-mode voltage range is exceeded, the recovery time will
be very fast, typically under 30 ns. When configured for a
higher gain, and overloaded at the output, the recovery time will
also be short. For example, in a gain of +10, with 6 dB of
input overdrive, the recovery time of the AD813 is about 25 ns
(see Figure 45).
0%
2V
1V
50ns
100
90
10
Figure 45. 6 dB Overload Recovery, G = +10,
(RL = 500 Ω, RF = 357 Ω, VS = ±5 V)
In the case of high gains with very high levels of input overdrive,
a longer recovery time will occur. For example, if the input
common-mode voltage range is exceeded in the gain of +10, the
recovery time will be on the order of 100 ns. This is primarily
due to current overloading of the input stage.
As noted in the warning under Maximum Power Dissipation, a
high level of input overdrive in a high noninverting gain circuit
can result in a large current flow in the input stage. Though this
current is internally limited to about 40 mA, its effect on the
total power dissipation may be significant.
1
10
1000
100
FREQUENCY – MHz
6
9
3
0
–3
RS = 50
RS = 30
RS = 0
VS = 5V
G = +2
RF = 750
RL = 1k
CL = 10pF
Figure 42. Response to a Small Load Capacitor at
VS = ±5 V
1
10
1000
100
FREQUENCY – MHz
6
9
3
0
–3
CL = 150pF, RS = 30
VS = 15V
G = +2
RF = 750
RL = 1k
CL = 510pF, RS = 15
Figure 43. Response to a Large Load Capacitor at
VS = ±15 V
5V
5V
100n s
100
100
90
10
0%
Figure 44. Circuit of Figure 38 Driving a 510 pF Load
Capacitor, VS = ±15 V (RL = 1 kΩ, RF = RG = 750 Ω,
RS =15
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com