Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8138 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8138
Description  Low Distortion Differential ADC Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8138 Datasheet HTML 8Page - Analog Devices AD8138 Datasheet HTML 9Page - Analog Devices AD8138 Datasheet HTML 10Page - Analog Devices AD8138 Datasheet HTML 11Page - Analog Devices AD8138 Datasheet HTML 12Page - Analog Devices AD8138 Datasheet HTML 13Page - Analog Devices AD8138 Datasheet HTML 14Page - Analog Devices AD8138 Datasheet HTML 15Page - Analog Devices AD8138 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. E
AD8138
–13–
3 V OPERATION
The circuit in Figure 7 shows a simplified front end connection
for an AD8138 driving an AD9203, a 10-bit, 40 MSPS A/D con-
verter that is specified to work on a single 3 V supply. The ADC
works best when driven differentially to make the best use of the
signal swing available within the 3 V supply. The appropriate
outputs of the AD8138 are connected to the appropriate differen-
tial inputs of the AD9203 via a low-pass filter.
The AD8138 is configured for unity gain for a single-ended
input to differential output. The additional 23
W at the input to
–IN is to balance the impedance of the 50
W source and its 50 W
termination that drives the noninverting input.
The signal generator has ground-referenced, bipolar output,
i.e., it can drive symmetrically above and below ground. Even
though the AD8138 has ground as its negative supply, it can
still function as a level-shifter with such an input signal.
The output common mode is raised up to midsupply by the
voltage divider that biases VOCM. In this way, the AD8138 pro-
vides dc coupling and level-shifting of a bipolar signal, without
inverting the input signal.
The low-pass filter between the AD8138 and the AD9203 pro-
vides filtering that helps to improve the signal-to-noise ratio.
Lower noise can be realized by lowering the pole frequency, but
the bandwidth of the circuit will be lowered.
49.9
0.1 F
10k
523
499
10k
20pF
49.9
20pF
499
499
0.1 F
AINN
+3V
DRVDD
AVDD
AVSS DRVSS
AINP
0.1 F
0.1 F
DIGITAL
OUTPUTS
+3V
49.9
AD8138
+
AD9203
Figure 7. AD8138 Driving an AD9203, a 10-Bit, 40 MSPS
A/D Converter
The circuit was tested with a –0.5 dBFS signal at various frequen-
cies. Figure 8 shows a plot of the total harmonic distortion (THD)
vs. frequency at signal amplitudes of 1 V and 2 V differential
drive levels.
FREQUENCY – MHz
–40
0
510
1520
25
–45
–50
–55
–60
–65
–70
–75
–80
AD8138–2V
AD8138–1V
Figure 8. AD9203 THD @ –0.5 dBFS AD8138
Figure 9 shows the signal to noise plus distortion (SINAD)
under the same conditions as above. For the smaller signal
swing, the AD8138 performance is quite good, but its performance
degrades when trying to swing too close to the supply rails.
FREQUENCY – MHz
65
0
510
1520
25
63
61
59
57
55
53
51
45
49
47
AD8138–1V
AD8138–2V
Figure 9. AD9203 SINAD @ –0.5 dBFS AD8138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com