Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8151AST Datasheet(PDF) 15 Page - Analog Devices

Part # AD8151AST
Description  33 x 17, 3.2 Gb/s Digital Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8151AST Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8151AST Datasheet HTML 11Page - Analog Devices AD8151AST Datasheet HTML 12Page - Analog Devices AD8151AST Datasheet HTML 13Page - Analog Devices AD8151AST Datasheet HTML 14Page - Analog Devices AD8151AST Datasheet HTML 15Page - Analog Devices AD8151AST Datasheet HTML 16Page - Analog Devices AD8151AST Datasheet HTML 17Page - Analog Devices AD8151AST Datasheet HTML 18Page - Analog Devices AD8151AST Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
AD8151
–15–
REV. 0
DISABLING
OUT[0:16][N:P]
OUTPUTS
RESET INPUT
tTOD
tTW
Figure 7. Asynchronous Reset
Table VII. Asynchronous Reset
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tTOD
Disable Time
Output Disable from Reset
TA = 25
°C25
30
ns
tTW
Width of Reset Pulse
VDD = 5 V
15
ns
VCC = 3.3 V
Control Interface Programming Example
The following conservative pattern connects all outputs to input number 7, except output 16 which is connected to input number 32.
The vector clock period, T0 is 15 ns. It is possible to accelerate the execution of this pattern by deleting vectors 1, 4, 7, and 9.
Table VIII. Basic Test Pattern
Vector No.
RESET
CS
WE
RE
UPDATE
A[4:0]
D[6:0]
Comments
0
0
1
1
1
1
xxxxx
xxxxxxx
Disable All Outputs
1
1
1
1
1
1
xxxxx
xxxxxxx
2
1
0
1
1
1
10001
1000111
All Outputs to Input #07
3
1
0
0
1
1
10001
1000111
Write to First Rank
4
1
0
1
1
1
10001
1000111
5
1
0
1
1
1
10000
1100000
Output #16 to Input #32
6
1
0
0
1
1
10000
1100000
Write to First Rank
7
1
0
1
1
1
10000
1100000
8
1
0
1
1
0
xxxxx
xxxxxxx
Transfer to Second Rank
9
1
0
1
1
1
xxxxx
xxxxxxx
10
1
1
1
1
1
xxxxx
xxxxxxx
Disable Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com