Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8151AST Datasheet(PDF) 18 Page - Analog Devices

Part # AD8151AST
Description  33 x 17, 3.2 Gb/s Digital Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8151AST Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8151AST Datasheet HTML 14Page - Analog Devices AD8151AST Datasheet HTML 15Page - Analog Devices AD8151AST Datasheet HTML 16Page - Analog Devices AD8151AST Datasheet HTML 17Page - Analog Devices AD8151AST Datasheet HTML 18Page - Analog Devices AD8151AST Datasheet HTML 19Page - Analog Devices AD8151AST Datasheet HTML 20Page - Analog Devices AD8151AST Datasheet HTML 21Page - Analog Devices AD8151AST Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
AD8151
–18–
REV. 0
VCC
VEE
DISABLE
IOUT
OUTyyP
OUTyyN
VCC – 2V
VEE
Figure 11. Simplified Output Circuit
To ensure proper operation, all outputs (including unused output)
must be pulled high using external pull-up networks to a level
within the output compliance range. If outputs from multiple
AD8151s are wired together, a single pull-up network may be
used for each output bus. The pull-up network should be chosen
to keep the output voltage levels within the output compliance
range at all times. Recommended pull-up networks to produce
PECL/ECL 100 k
Ω and 10 kΩ compatible outputs are shown
in Figure 12. Alternatively, a separate supply can be used to
provide VCOM; making RCOM and DCOM unnecessary.
VCC
RCOM
VCOM
RL
OUTyyN
OUTyyP
AD8151
RL
DCOM
VCC
VCOM
RL
OUTyyN
OUTyyP
AD8151
RL
Figure 12. Output Pull-Up Networks: a) ECL 100 k
Ω,
b) ECL 10 k
Ω
The output levels are simply:
VOH = VCOM
VOL = VCOM – IOUTRL
VSWING = VOH – VOL = IOUTRL
VCOM = VCC – IOUTRCOM (100 k
Ω Mode)
VCOM = VCC – V (DCOM) (10 k
Ω Mode)
The common-mode adjustment element (RCOM or DCOM) may
be omitted if the input range of the receiver includes the positive
supply voltage. The bypass capacitors reduce common-mode
perturbations by providing an ac short from the common nodes
(VCOM) to ground.
When busing together the outputs of multiple AD8151s or when
running at high data rates, double termination of its outputs is
recommended to mitigate the impact of reflections due to open
transmission line stubs and the lumped capacitance of the
AD8151 output pins. A possible connection is shown in Figure
13; the bypass capacitors provide an ac short from the common
nodes of the termination resistors to ground. To maintain signal
fidelity at high data rates, the stubs connecting the output pins
to the output transmission lines or load resistors should be as
short as possible.
VCC
RCOM
VCOM
RL
OUTyyN
OUTyyP
AD8151
RL
ZO
ZO
OUTyyN
OUTyyP
AD8151
ZO
ZO
RL
RL
RECEIVER
Figure 13. Double Termination of AD8151 Outputs
In this case, the output levels are:
VOH = VCOM – (1/4) IOUTRL
VOL = VCOM – (3/4) IOUTRL
VSWING = VOH – VOL = (1/2) IOUTRL
Output Current Set Pin (REF)
A simplified schematic of the reference circuit is shown in Fig-
ure 14. A single external resistor connected between the REF
pin and VEE determines the output current for all output stages.
This feature allows a choice of pull-up networks and transmission
line characteristic impedances while still achieving a nominal
output swing of 800 mV. At low data rates, substantial power
savings can be achieved by using lower output swings and higher
load resistances.
AD8151
VEE
RSET
REF
VCC
IOUT/20
1.2V
Figure 14. Simplified Reference Circuit
The nominal output current is given by the following expression:
I
V
R
OUT
SET
=


20
12
.
The minimum set resistor is RSET,MIN = 960
Ω resulting in
IOUT,MAX = 25 mA. The maximum set resistor is RSET,MAX =
4.8 k
Ω resulting in I
OUT,MIN = 5 mA. Nominal 800 mV differen-
tial output swing can be achieved in a 50
Ω load using RSET =
1.5 k
Ω (IOUT = 16 mA), or in a doubly-terminated 75 Ω load
using RSET = 1.13 k
Ω (I
OUT = 21.3 mA).
To minimize stray capacitance and avoid the pickup of unwanted
signals, the external set resistor should be located close to the
REF pin. Bypassing the set resistor is not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com