Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD823 Datasheet(PDF) 14 Page - Analog Devices

Part # AD823
Description  Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD823 Datasheet HTML 8Page - Analog Devices AD823 Datasheet HTML 9Page - Analog Devices AD823 Datasheet HTML 10Page - Analog Devices AD823 Datasheet HTML 11Page - Analog Devices AD823 Datasheet HTML 12Page - Analog Devices AD823 Datasheet HTML 13Page - Analog Devices AD823 Datasheet HTML 14Page - Analog Devices AD823 Datasheet HTML 15Page - Analog Devices AD823 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. 0
–14–
AD823
MYLAR
1µF
1/2
AD823
L
R
HEADPHONES
32
Ω IMPEDANCE
4.99k
MYLAR
1µF
4.99k
10k
10k
47.5k
95.3k
47.5k
500µF
500µF
+3V
95.3k
0.1µF
0.1µF
CHANNEL 1
CHANNEL 2
95.3k
Ω
+
+
7
4
5
6
1/2
AD823
3
8
2
1
1
Figure 40. 3 Volt Single Supply Stereo Headphone Driver
Second Order Low-Pass Filter
Figure 41 depicts the AD823 configured as a second order
Butterworth low-pass filter. With the values as shown, the cor-
ner frequency will be 200 kHz. The equations for component
selection are shown below:
R1 = R2 = user selected (typical values: 10 k
Ω to 100 kΩ).
C1( farads )
=
1.414
2
πf
cutoff R1
; C2
=
0.707
2
πf
cutoff R1
1/2
AD823
C3
0.1µF
+5V
C4
0.1µF
VOUT
VIN
C1
28pF
–5V
C2
56pF
R1
20k
R2
20k
50pF
Figure 41. Second Order Low-Pass Filter
A plot of the filter is shown below; better than 50 dB of high fre-
quency rejection is provided.
Figure 39 is an FFT plot of the results of driving the AD1672
with the AD823 with no pull-down resistor. The input ampli-
tude was 2.15 V p-p and the lower voltage excursion was
350 mV. The input frequency was 490 kHz, which was chosen
to spread the location of the harmonics.
The distortion analysis is important for systems requiring good
frequency domain performance. Other systems may require
good time domain performance. The noise and settling time
performance of the AD823 will provide the necessary informa-
tion for its applicability for these systems.
5
6
4
9
7
2
3
8
1
VIN = 2.15Vp-p
G = +1
FI = 490kHz
Figure 39. FFT of AD1672 Output Driven by AD823
3 Volt, Single Supply Stereo Headphone Driver
The AD823 exhibits good current drive and THD+N perfor-
mance, even at 3 V single supplies. At 20 kHz, total harmonic
distortion plus noise (THD+N) equals –62 dB (0.079%) for a
300 mV p-p output signal. This is comparable to other single
supply op amps which consume more power and cannot run on
3 V power supplies.
In Figure 40, each channel’s input signal is coupled via a 1
µF
Mylar capacitor. Resistor dividers set the dc voltage at the non-
inverting inputs so that the output voltage is midway between
the power supplies (+1.5 V). The gain is 1.5. Each half of the
AD823 can then be used to drive a headphone channel. A 5 Hz
high-pass filter is realized by the 500
µF capacitors and the
headphones, which can be modeled as 32 ohm load resistors to
ground. This ensures that all signals in the audio frequency
range (20 Hz–20 kHz) are delivered to the headphones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com