Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD823 Datasheet (PDF) - Analog Devices

AD823 Datasheet PDF - Analog Devices
Part # AD823
Download  AD823 Download
File Size   439.85 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 16 MHz, Rail-to-Rail FET Input Amplifier

AD823 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD823 Datasheet PDF - Analog Devices

Part # AD823
Download  AD823 Click to download

File Size   439.85 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 16 MHz, Rail-to-Rail FET Input Amplifier

AD823 Datasheet (HTML) - Analog Devices


AD823 Product details

GENERAL DESCRIPTION
The AD823 is a dual precision, 16 MHz, JFET input op amp that can operate from a single supply of 3.0 V to 36 V or from dual supplies of ±1.5 V to ±18 V. It has true single-supply capability with an input voltage range extending below ground in single-supply mode. Output voltage swing extends to within 50 mV of each rail for IOUT ≤ 100 µA, providing outstanding output dynamic range.
An offset voltage of 800 µV maximum, an offset voltage drift of 2 µV/°C, input bias currents below 25 pA, and low input voltage noise provide dc precision with source impedances up to a Gigaohm. It provides 16 MHz, −3 dB bandwidth, −108 dB THD @ 20 kHz, and a 22 V/µs slew rate with a low supply current of 2.6 mA per amplifier. The AD823 drives up to 500 pF of direct capacitive load as a follower and provides an output current of 15 mA, 0.5 V from the supply rails. This allows the amplifier to handle a wide range of load conditions.

FEATURES
   Single-supply operation
      Output swings rail-to-rail
      Input voltage range extends below ground
      Single-supply capability from 3 V to 36 V
   High load drive
      Capacitive load drive of 500 pF, G = +1
      Output current of 15 mA, 0.5 V from supplies
   Excellent ac performance on 2.6 mA/amplifier
      −3 dB bandwidth of 16 MHz, G = +1
      350 ns settling time to 0.01% (2 V step)
      Slew rate of 22 V/µs
   Good dc performance
      800 µV maximum input offset voltage
      2 µV/°C offset voltage drift
      25 pA maximum input bias current
   Low distortion: −108 dBc worst harmonic @ 20 kHz
   Low noise: 16 nV/√Hz @ 10 kHz
   No phase inversion with inputs to the supply rails
  
APPLICATIONS
   Battery-powered precision instrumentation
   Photodiode preamps
   Active filters
   12-bit to 16-bit data acquisition systems
   Medical instrumentation




Similar Part No. - AD823

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD823 AD-AD823 Datasheet
465Kb / 20P
Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
AD823 AD-AD823 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
AD823 AD-AD823 Datasheet
411Kb / 20P
Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
Rev. E
logo
List of Unclassifed Man...
AD823-00 ETC2-AD823-00 Datasheet
159Kb / 12P
Package Drawings and Specifications
logo
Analog Devices
AD8230 AD-AD8230 Datasheet
400Kb / 16P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
10/04-Revision 0
More results


Similar Description - AD823

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042 AD-AD8042 Datasheet
242Kb / 16P
Dual 160 MHz Rail-to-Rail Amplifier
8/04-Data Sheet changed from REV. B to REV. C.
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8646 AD-AD8646 Datasheet
475Kb / 12P
24 MHz Rail-to-Rail Dual Amplifier
REV. 0
AD823 AD-AD823_07 Datasheet
465Kb / 20P
Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD823 AD-AD823_15 Datasheet
412Kb / 20P
Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
Rev. E
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
logo
Texas Instruments
OPA2810_1807 TI1-OPA2810_1807 Datasheet
2Mb / 48P
Dual Channel, 27 V, Rail-to-Rail Input/Output FET-Input Operational Amplifier
OPA810 TI1-OPA810_V02 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V03 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com