Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD823 Datasheet (PDF) - Analog Devices

AD823 Datasheet PDF - Analog Devices
Part # AD823
Download  AD823 Download
File Size   411.61 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 16 MHz, Rail-to-Rail FET Input Amplifier

AD823 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD823 Datasheet PDF - Analog Devices

Part # AD823
Download  AD823 Click to download

File Size   411.61 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 16 MHz, Rail-to-Rail FET Input Amplifier

AD823 Datasheet (HTML) - Analog Devices


AD823 Product details

FEATURES
Single-supply operation
Output swings rail-to-rail
Input voltage range extends below ground
Single-supply capability from 3 V to 36 V
High load drive
Capacitive load drive of 500 pF, G = +1
Output current of 15 mA, 0.5 V from supplies
Excellent ac performance on 2.6 mA/amplifier
−3 dB bandwidth of 16 MHz, G = +1
350 ns settling time to 0.01% (2 V step)
Slew rate of 22 V/μs
Good dc performance
800 μV maximum input offset voltage
2 μV/°C offset voltage drift
25 pA maximum input bias current
Low distortion: −108 dBc worst harmonic @ 20 kHz
Low noise: 16 nV/√Hz @ 10 kHz
No phase inversion with inputs to the supply rails
APPLICATIONS
Battery-powered precision instrumentation
Photodiode preamps
Active filters
12-bit to 16-bit data acquisition systems
Medical instrumentation




Similar Part No. - AD823

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD823 AD-AD823 Datasheet
439Kb / 16P
Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV.0
AD823 AD-AD823 Datasheet
465Kb / 20P
Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
AD823 AD-AD823 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
logo
List of Unclassifed Man...
AD823-00 ETC2-AD823-00 Datasheet
159Kb / 12P
Package Drawings and Specifications
logo
Analog Devices
AD8230 AD-AD8230 Datasheet
400Kb / 16P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
10/04-Revision 0
More results


Similar Description - AD823

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042 AD-AD8042 Datasheet
242Kb / 16P
Dual 160 MHz Rail-to-Rail Amplifier
8/04-Data Sheet changed from REV. B to REV. C.
AD823 AD-AD823 Datasheet
439Kb / 16P
Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV.0
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8646 AD-AD8646 Datasheet
475Kb / 12P
24 MHz Rail-to-Rail Dual Amplifier
REV. 0
AD823 AD-AD823_07 Datasheet
465Kb / 20P
Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD823 AD-AD823_15 Datasheet
412Kb / 20P
Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
Rev. E
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
logo
Texas Instruments
OPA810 TI1-OPA810_V02 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V03 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com