Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD823AN Datasheet(PDF) 1 Page - Analog Devices

Part # AD823AN
Description  Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823AN Datasheet(HTML) 1 Page - Analog Devices

  AD823AN Datasheet HTML 1Page - Analog Devices AD823AN Datasheet HTML 2Page - Analog Devices AD823AN Datasheet HTML 3Page - Analog Devices AD823AN Datasheet HTML 4Page - Analog Devices AD823AN Datasheet HTML 5Page - Analog Devices AD823AN Datasheet HTML 6Page - Analog Devices AD823AN Datasheet HTML 7Page - Analog Devices AD823AN Datasheet HTML 8Page - Analog Devices AD823AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Dual, 16 MHz, Rail-to-Rail
FET Input Amplifier
AD823
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Single Supply Operation
Output Swings Rail to Rail
Input Voltage Range Extends Below Ground
Single Supply Capability from +3 V to +36 V
High Load Drive
Capacitive Load Drive of 500 pF, G = +1
Output Current of 15 mA, 0.5 V from Supplies
Excellent AC Performance on 2.6 mA/Amplifier
–3 dB Bandwidth of 16 MHz, G = +1
350 ns Settling Time to 0.01% (2 V Step)
Slew Rate of 22 V/ s
Good DC Performance
800
V Max Input Offset Voltage
2
V/ C Offset Voltage Drift
25 pA Max Input Bias Current
Low Distortion
–108 dBc Worst Harmonic @ 20 kHz
Low Noise
16 nV/
√Hz @ 10 kHz
No Phase Inversion with Inputs to the Supply Rails
APPLICATIONS
Battery Powered Precision Instrumentation
Photodiode Preamps
Active Filters
12- to 16-Bit Data Acquisition Systems
Medical Instrumentation
CONNECTION DIAGRAM
8-Pin Plastic Mini-DIP
and
8-Lead SOIC
1
2
3
4
8
7
6
5
AD823
OUT1
+IN2
–IN2
OUT2
+VS
–IN1
+IN1
–VS
PRODUCT DESCRIPTION
The AD823 is a dual precision, 16 MHz, JFET input op amp
that can operate from a single supply of +3.0 V to +36 V, or
dual supplies of
±1.5 V to ±18 V. It has true single supply
capability with an input voltage range extending below ground
in single supply mode. Output voltage swing extends to within
50 mV of each rail for IOUT
≤ 100 µA providing outstanding out-
put dynamic range.
Offset voltage of 800
µV max, offset voltage drift of 2 µV/°C,
input bias currents below 25 pA and low input voltage noise
provide dc precision with source impedances up to a Gigohm.
16 MHz, –3 dB bandwidth, –108 dB THD @ 20 kHz and
22 V/
µs slew rate are provided with a low supply current of
2.6 mA per amplifier. The AD823 drives up to 500 pF of direct
capacitive load as a follower, and provides an output current of
15 mA, 0.5 V from the supply rails. This allows the amplifier to
handle a wide range of load conditions.
This combination of ac and dc performance, plus the outstand-
ing load drive capability results in an exceptionally versatile am-
plifier for applications such as A/D drivers, high-speed active
filters, and other low voltage, high dynamic range systems.
The AD823 is available over the industrial temperature range of
–40
°C to +85°C and is offered in both 8-pin plastic DIP and
SOIC packages.
3V
GND
RL = 100kΩ
CL = 50pF
VS = +3V
200µs
500mV
Figure 1. Output Swing, VS = +3 V, G = +1
FREQUENCY – Hz
–8
1k
–6
–7
2
1
10k
100k
1M
VS = +5V
G = +1
–5
–4
–3
–2
–1
0
10M
Figure 2. Small Signal Bandwidth, G = +1


Similar Part No. - AD823AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD823AN AD-AD823AN Datasheet
465Kb / 20P
Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
AD823ANZ AD-AD823ANZ Datasheet
465Kb / 20P
Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
AD823ANZ AD-AD823ANZ Datasheet
411Kb / 20P
Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
Rev. E
More results

Similar Description - AD823AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042 AD-AD8042 Datasheet
242Kb / 16P
Dual 160 MHz Rail-to-Rail Amplifier
8/04-Data Sheet changed from REV. B to REV. C.
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8646 AD-AD8646 Datasheet
475Kb / 12P
24 MHz Rail-to-Rail Dual Amplifier
REV. 0
AD823 AD-AD823_07 Datasheet
465Kb / 20P
Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD823 AD-AD823_15 Datasheet
412Kb / 20P
Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
Rev. E
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
logo
Texas Instruments
OPA2810_1807 TI1-OPA2810_1807 Datasheet
2Mb / 48P
Dual Channel, 27 V, Rail-to-Rail Input/Output FET-Input Operational Amplifier
OPA810 TI1-OPA810_V02 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V03 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com