Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFCRYSTALS Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # MFCRYSTALS
Description  Miniature size: 6.0mm x 3.5mm height
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

MFCRYSTALS Datasheet(HTML) 1 Page - EUROQUARTZ limited

  MFCRYSTALS Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
DESCRIPTION
Miniature surface mount MF crystals incorporate a ceramic substrate
and hermetically-sealed metal lid. The combination of compact size
and low mass with a high-specification crystal make MF crystals ideal
for high density applications as well as hand-held and
communications equipment.
Miniature size: 6.0mm x 3.5mm height
Tight tolerances available
High shock and vibration resistance
Ideal for PDAs, GPS, PCMCIA and hand-held equipment
FEATURES
OUTLINE & DIMENSIONS
Frequency Range
AT-Cut Fundamental:
8.0MHz to 50.0MHz
AT-Cut 3rd Overtone:
30.0MHz to 125.0MHz
Calibration Tolerance at 25ºC*:
from ±5ppm
(±10, ±20 or ±30ppm standard)
Frequency stability
-10° to +60°C
from ±5ppm
-20° to +70°C
from ±10ppm
-40° to +90°C
from ±15ppm
-55 to +125°C
from ±20ppm
Storage Temperature:
-55°~+105°C
Equivalent Series Resistance:
See table
Shunt Capacitance (C0):
2pF to 4pF typical, 7pF maximum
Load Capacitance (CL):
Series or from 8pF to 32pF
(Customer specified CL)
Ageing:
<±3ppm per year at +25°C
Drive level:
100 mW maximum
Reflow Soldering:
10s maximum, 260°C twice
or 180s at 230°C, once.
Package:
Ceramic base, metal lid,
Hermetic seal
Packaging:
16mm EIA tape and reel
1000 pieces per reel
SPECIFICATION
10.0 ~ 12.0
AT Fund.
80
12.1 ~ 16.0
AT Fund.
60
16.1 ~ 50.0
AT Fund.
40
30.0 ~ 40.0
AT 3rd OT
100
40.1 ~ 50.0
AT 3rd OT
80
50.1 ~ 125
AT 3rd OT
50
Frequency
Range MHz
Crystal Cut/
Mode
ESR
Ohms Max.
EQUIVALENT SERIES RESISTANCE
MF & MF2 CRYSTALS
PART NUMBER GENERATION
12.000MHz MF/20/30/-10+60/18pF/60R
Example:
Nominal Frequency
Package MF = 4 pad
MF2 = 2 pad
Calibration tolerance
at 25°C (±ppm)
Temperature Stability
over temp. range (±ppm)
Operating Temp. Range (°C)
(Lower and upper limits)
Load Capacitance
(Either SR for series or CL in pF)
Equivalent Series Resistance
(Optional - use when special
value is required)
MF2
MF
6 x 3.5mm SMD, 4 pad and 2 pad
8MHz to 125MHz


Similar Part No. - MFCRYSTALS

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
MFC TTELEC-MFC Datasheet
711Kb / 3P
Metal Foil on Ceramic Chip Resistors
10.20
logo
KITAGAWA GmbH
MFC KGS-MFC Datasheet
6Mb / 1P
Mini clip with side slot for flat cable
MFC-2000 KGS-MFC-2000 Datasheet
6Mb / 1P
Mini clip with side slot for flat cable
MFC-3000-R KGS-MFC-3000-R Datasheet
6Mb / 1P
Mini clip with side slot for flat cable
logo
Adam Technologies, Inc.
MFC-A-XX-F-T ADAM-TECH-MFC-A-XX-F-T Datasheet
83Kb / 1P
909 Rahway Avenue
More results

Similar Description - MFCRYSTALS

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AAAF5060BESEEVGA KINGBRIGHT-AAAF5060BESEEVGA Datasheet
245Kb / 7P
5.0mm x 6.0mm SURFACE MOUNT LED LAMP
AAAF5060BESUVGAC KINGBRIGHT-AAAF5060BESUVGAC Datasheet
239Kb / 7P
5.0mm x 6.0mm SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZM2CY82W SUNLED-ZM2CY82W Datasheet
191Kb / 4P
5.0mm x 6.0mm SURFACE MOUNT LED LAMP
logo
EUROQUARTZ limited
MJ2CRYSTALS EUROQUARTZ-MJ2CRYSTALS Datasheet
148Kb / 1P
Miniature size: 5.0mm x 3.2mm x 0.9mm height
MJCRYSTALS EUROQUARTZ-MJCRYSTALS Datasheet
156Kb / 1P
Miniature size: 5.0mm x 3.2mm x 1.0mm height
logo
Panasonic Semiconductor
ECE-A1CKG100 PANASONIC-ECE-A1CKG100 Datasheet
607Kb / 3P
7mm height miniature size/105
logo
Fox Electronics
C6AS FOX-C6AS Datasheet
192Kb / 3P
6.0mm x 3.5mm Ceramic SMD Crystal
logo
TAI-SAW TECHNOLOGY CO.,...
TV0112A TAI-SAW-TV0112A Datasheet
326Kb / 6P
VCO, SMD, 8.2mm x 6.0mm
REV. NO.: 4
TV0137A TAI-SAW-TV0137A Datasheet
105Kb / 7P
VCO, SMD, 7.8mm x 6.0mm
REV. NO.: 2.0
logo
Transko Electronics, In...
TCRO TRANSKO-TCRO Datasheet
536Kb / 4P
SMD VOLTAGE CONTROLLED OSCILLATOR (12.7 X 12.7 X 6.0MM)
Rev. 1: Oct. 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com