Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6AS Datasheet (PDF) - Fox Electronics

C6AS Datasheet PDF - Fox Electronics
Part # C6AS
Download  C6AS Download
File Size   192.0 Kbytes
Page   3 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 6.0mm x 3.5mm Ceramic SMD Crystal

C6AS Datasheet (PDF)

Go To PDF Page Download Datasheet
C6AS Datasheet PDF - Fox Electronics

Part # C6AS
Download  C6AS Click to download

File Size   192.0 Kbytes
Page   3 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 6.0mm x 3.5mm Ceramic SMD Crystal

C6AS Datasheet (HTML) - Fox Electronics




Similar Part No. - C6AS

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
C6ASPB HUBBELL-C6ASPB Datasheet
648Kb / 1P
NEXTSPEED짰Ascent Category 10GbE Cable
C6ASPGY HUBBELL-C6ASPGY Datasheet
675Kb / 1P
NEXTSPEED짰Ascent Category 10GbE Cable
C6ASPW HUBBELL-C6ASPW Datasheet
645Kb / 1P
NEXTSPEED짰Ascent Category 10GbE Cable
C6ASPY HUBBELL-C6ASPY Datasheet
646Kb / 1P
NEXTSPEED짰Ascent Category 10GbE Cable
C6ASRB HUBBELL-C6ASRB Datasheet
647Kb / 1P
NEXTSPEED짰Ascent Category 10GbE Cable
More results


Similar Description - C6AS

ManufacturerPart #DatasheetDescription
logo
MMD Components
HSAA1 MMD-HSAA1 Datasheet
87Kb / 1P
6.0mm x 3.5 mm x1.2mm Ceramic Package
logo
EUROQUARTZ limited
MFCRYSTALS EUROQUARTZ-MFCRYSTALS Datasheet
110Kb / 1P
Miniature size: 6.0mm x 3.5mm height
logo
Fox Electronics
C0BS FOX-C0BS Datasheet
287Kb / 3P
1.6 x 1.2mm Ceramic SMD Crystal
C5BS FOX-C5BS Datasheet
191Kb / 3P
5.0mm x 3.2mm Ceramic SMD Crystal
C6BS FOX-C6BS Datasheet
213Kb / 3P
6mm x 3.5mm Ceramic SMD Crystal
logo
TAI-SAW TECHNOLOGY CO.,...
TV0112A TAI-SAW-TV0112A Datasheet
326Kb / 6P
VCO, SMD, 8.2mm x 6.0mm
REV. NO.: 4
TV0137A TAI-SAW-TV0137A Datasheet
105Kb / 7P
VCO, SMD, 7.8mm x 6.0mm
REV. NO.: 2.0
logo
Transko Electronics, In...
2X6 TRANSKO-2X6 Datasheet
181Kb / 1P
TUNING FORK CYLINDRICAL CRYSTAL (2.0 x 6.0mm)
Rev. 3: 05-15-19
HC49SMD TRANSKO-HC49SMD Datasheet
159Kb / 1P
STANDARD HC49/SMD CRYSTAL (11.5 x 4.75 x 3.5mm)
Rev. 2: 10-10-19
TCRO TRANSKO-TCRO Datasheet
536Kb / 4P
SMD VOLTAGE CONTROLLED OSCILLATOR (12.7 X 12.7 X 6.0MM)
Rev. 1: Oct. 2015
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com