Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6AS Datasheet(PDF) 1 Page - Fox Electronics

Part # C6AS
Description  6.0mm x 3.5mm Ceramic SMD Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

C6AS Datasheet(HTML) 1 Page - Fox Electronics

  C6AS Datasheet HTML 1Page - Fox Electronics C6AS Datasheet HTML 2Page - Fox Electronics C6AS Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6.0mm x 3.5mm Ceramic SMD Crystal
C6AS
(Former FQA)
DATASHEET
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: C6AS SERIES STANDARD SPECIFICATIONS
Drawing Number: C6AS-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 11/13/2019
Page 1 of 3
 Tolerances down to ±20PPM
 Stabilities down to ±20PPM
 Temperature Ranges to -40ºC to +85ºC
• SPECIFICATIONS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range
8.000 ~ 67.000MHz
Frequency Tolerance @ 25ºC
(See options on page 3)
Frequency Stability, ref to 25ºC
(See options below)
Temperature Range
Operating (TOPR)
Storage
(TSTG)
(See options below)
-40ºC ~ +85ºC
Shunt Capacitance (CO)
5pF
Load Capacitance (CL)
(See options on page 2)
Drive Level
0.1mW
Aging per year
±5.0PPM
Maximum Soldering Temp / Time 260ºC / 10Seconds x 2
Moisture Sensitivity Level (MSL)
1
Termination Finish
Au over Ni
Seal Method
Resin
Lead (Pb) Free
Yes
RoHS/REACH Compliant
Yes
Frequency
Range
Operating Mode
Max ESR Ω
8.000 ~ 8.999999
Fundamental
150
9.000 ~ 9.999999
Fundamental
80
10.000 ~ 16.000
Fundamental
60
16+ ~ 50.000
Fundamental
40
40.000 ~ 67.000
3rd OT
70
Available Operating Temperatures and Stabilities
Stability Temperature
±20PPM
±25PPM
±30PPM
±50PPM
0°C to +70°C
O
O
O
O
-10°C to +70°C
O
O
O
O
-20°C to +70°C
O
O
O
O
-30°C to +85°C
X
X
O
O
-40°C to +85°C
X
X
O
O
Key: O=Available, X=Not Available


Similar Part No. - C6AS

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
C6ASPB HUBBELL-C6ASPB Datasheet
648Kb / 1P
NEXTSPEED짰Ascent Category 10GbE Cable
C6ASPGY HUBBELL-C6ASPGY Datasheet
675Kb / 1P
NEXTSPEED짰Ascent Category 10GbE Cable
C6ASPW HUBBELL-C6ASPW Datasheet
645Kb / 1P
NEXTSPEED짰Ascent Category 10GbE Cable
C6ASPY HUBBELL-C6ASPY Datasheet
646Kb / 1P
NEXTSPEED짰Ascent Category 10GbE Cable
C6ASRB HUBBELL-C6ASRB Datasheet
647Kb / 1P
NEXTSPEED짰Ascent Category 10GbE Cable
More results

Similar Description - C6AS

ManufacturerPart #DatasheetDescription
logo
MMD Components
HSAA1 MMD-HSAA1 Datasheet
87Kb / 1P
6.0mm x 3.5 mm x1.2mm Ceramic Package
logo
EUROQUARTZ limited
MFCRYSTALS EUROQUARTZ-MFCRYSTALS Datasheet
110Kb / 1P
Miniature size: 6.0mm x 3.5mm height
logo
Fox Electronics
C0BS FOX-C0BS Datasheet
287Kb / 3P
1.6 x 1.2mm Ceramic SMD Crystal
C5BS FOX-C5BS Datasheet
191Kb / 3P
5.0mm x 3.2mm Ceramic SMD Crystal
C6BS FOX-C6BS Datasheet
213Kb / 3P
6mm x 3.5mm Ceramic SMD Crystal
logo
TAI-SAW TECHNOLOGY CO.,...
TV0112A TAI-SAW-TV0112A Datasheet
326Kb / 6P
VCO, SMD, 8.2mm x 6.0mm
REV. NO.: 4
TV0137A TAI-SAW-TV0137A Datasheet
105Kb / 7P
VCO, SMD, 7.8mm x 6.0mm
REV. NO.: 2.0
logo
Transko Electronics, In...
2X6 TRANSKO-2X6 Datasheet
181Kb / 1P
TUNING FORK CYLINDRICAL CRYSTAL (2.0 x 6.0mm)
Rev. 3: 05-15-19
HC49SMD TRANSKO-HC49SMD Datasheet
159Kb / 1P
STANDARD HC49/SMD CRYSTAL (11.5 x 4.75 x 3.5mm)
Rev. 2: 10-10-19
TCRO TRANSKO-TCRO Datasheet
536Kb / 4P
SMD VOLTAGE CONTROLLED OSCILLATOR (12.7 X 12.7 X 6.0MM)
Rev. 1: Oct. 2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com