Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6AS Datasheet(PDF) 3 Page - Fox Electronics

Part # C6AS
Description  6.0mm x 3.5mm Ceramic SMD Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

C6AS Datasheet(HTML) 3 Page - Fox Electronics

  C6AS Datasheet HTML 1Page - Fox Electronics C6AS Datasheet HTML 2Page - Fox Electronics C6AS Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
6.0mm x 3.5mm Ceramic SMD Crystal
C6AS
(Former FQA)
DATASHEET
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: C6AS SERIES STANDARD SPECIFICATIONS
Drawing Number: C6AS-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 11/13/2019
Page 3 of 3
• TAPE SPECIFICATIONS (millimeters)
• REEL SPECIFICATIONS (millimeters)
A
B
C
D
E
F
Reel QTY
G
H
I
J
K
L
M
1.5
4.0
8.0
5.5
12.0
1.9
-T1 = 1,000
-T2 = 2,000
2.0
13
21
80
250
13.5
2.0
Available Options & Part Identification for Crystal Model C6AS1
F C6AS B B M E 12.0
F
C6AS
B
B
M
E
12.0
FOX
Model
Number
Tolerance
Stability
Load Capacitance2
Operating
Temperature
Frequency (MHz)
B = ±50 PPM
C = ±30 PPM
D = ±25 PPM
E = ±20 PPM
A = ±100PPM
B = ±50 PPM
C = ±30 PPM
D = ±25 PPM
E = ±20 PPM
B = 10 pF
G = 12 pF
U = 13 pF
K = 16 pF
L = 18 pF
M = 20 pF
C = 0 ~ +70ºC
E = -10 ~ +70ºC
F = -20 ~ +70ºC
K = -30 ~ +85ºC
M = -40 ~ +85ºC
1 Not all frequency, tolerance, stability, load, and operating temperature combinations may be available.
2 Listed load capacitances represent the most commonly used. Other load capacitances are available. Contact Fox Technical Support for
assistance.
Corporate Headquarters
5570 Enterprise Parkway
Fort Myers, FL 33905
http://www.FOXONLINE.com
Sales
1-888-GET-2-FOX (1-888-438-2369) or
1-239-693-0099
http://www.FOXONLINE.com/repdisty
Tech Support
http://www.FOXONLINE.com/email
PRODUCT USE: Fox Electronics reserves the right to modify the products and/or specifications described herein at any time and at Fox Electronics' sole
discretion. All information in this document, including descriptions of product features and performance, is subject to change without notice. Performance
specifications and the operating parameters of the described products are determined in the independent state and are not guaranteed to perform the same way
when installed in customer products. The information contained herein is provided without representation or warranty of any kind, whether express or implied,
including, but not limited to, the suitability of Fox Electronics' products for any particular purpose, an implied warranty of merchantability, or non-infringement of
the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property rights of Fox
Electronics or any third parties.
Fox Electronics' products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where
the failure or malfunction of a Fox Electronics product can be reasonably expected to significantly affect the health or safety of users. Anyone using a Fox
Electronics product in such a manner does so at their own risk, absent an express, written agreement by Fox Electronics.
Fox Electronics and the Fox logo are registered trademarks of Fox Electronics. Product specification is subject to change without notice. Other trademarks and
service marks used herein, including protected names, logos and designs, are the property of Fox Electronics or their respective third-party owners.
For datasheet type definitions and a glossary of common terms, visit http://www.foxonline.com/tgcrystals.html .



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com