Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6BS Datasheet (PDF) - Fox Electronics

C6BS Datasheet PDF - Fox Electronics
Part # C6BS
Download  C6BS Download
File Size   213.79 Kbytes
Page   3 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 6mm x 3.5mm Ceramic SMD Crystal

C6BS Datasheet (PDF)

Go To PDF Page Download Datasheet
C6BS Datasheet PDF - Fox Electronics

Part # C6BS
Download  C6BS Click to download

File Size   213.79 Kbytes
Page   3 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 6mm x 3.5mm Ceramic SMD Crystal

C6BS Datasheet (HTML) - Fox Electronics




Similar Part No. - C6BS

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
C6B NJSEMI-C6B Datasheet
84Kb / 1P
For High Volume Light Industrial, Computer, and Consumer Applications
C6B NJSEMI-C6B Datasheet
84Kb / 1P
For High Volume Light Industrial, Computer, and Consumer Applications
logo
Belden Inc.
C6B4306002M BELDEN-C6B4306002M Datasheet
143Kb / 2P
CAT6 Pigtail, S/FTP, LSZH
08-12-2024
More results


Similar Description - C6BS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
C0BS FOX-C0BS Datasheet
287Kb / 3P
1.6 x 1.2mm Ceramic SMD Crystal
C1BQ FOX-C1BQ Datasheet
292Kb / 2P
2.0 x 1.6mm Ceramic SMD Crystal
C3BS FOX-C3BS Datasheet
163Kb / 2P
3.2mm x 2.5mm Ceramic SMD Crystal
C4BS FOX-C4BS Datasheet
218Kb / 3P
4.0mm x 2.5mm Ceramic SMD Crystal
C5BS FOX-C5BS Datasheet
191Kb / 3P
5.0mm x 3.2mm Ceramic SMD Crystal
C6AS FOX-C6AS Datasheet
192Kb / 3P
6.0mm x 3.5mm Ceramic SMD Crystal
logo
Transko Electronics, In...
CS63A TRANSKO-CS63A Datasheet
237Kb / 1P
CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.0mm)
Rev. 5: 10-10-19
CS63C TRANSKO-CS63C Datasheet
255Kb / 1P
CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.4mm)
Rev 5: 10/18/2022
CS84 TRANSKO-CS84 Datasheet
220Kb / 1P
CERAMIC SMD CRYSTAL (8.0 x 4.5 x 1.5mm)
Rev. 4: 10-10-19
HC49SMD TRANSKO-HC49SMD Datasheet
159Kb / 1P
STANDARD HC49/SMD CRYSTAL (11.5 x 4.75 x 3.5mm)
Rev. 2: 10-10-19
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com