Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8302 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8302
Description  LF.2.7 GHz RF/IF Gain and Phase Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8302 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8302 Datasheet HTML 16Page - Analog Devices AD8302 Datasheet HTML 17Page - Analog Devices AD8302 Datasheet HTML 18Page - Analog Devices AD8302 Datasheet HTML 19Page - Analog Devices AD8302 Datasheet HTML 20Page - Analog Devices AD8302 Datasheet HTML 21Page - Analog Devices AD8302 Datasheet HTML 22Page - Analog Devices AD8302 Datasheet HTML 23Page - Analog Devices AD8302 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
REV. 0
AD8302
–21–
Table III. Evaluation Board Configuration Options
Component
Function
Default Condition
P1
Power Supply and Ground Connector: Pin 2 VPOS, and Pins 1 and 3 Ground.
Not Applicable
R1, R2
Input termination: Provide Termination for Input Sources.
R1 = R2 = 52.3
Ω (Size 0402)
R3
VREF Output Load: This load is optional and is meant to allow
R3 = 1 k
Ω (Size 0603)
the user to simulate their circuit loading of the device.
R5, R6, R9
Snubbing Resistor
R5 = R6 = 0
Ω (Size 0603)
R9 = 0
Ω (Size 0603)
C3, C7, R4
Supply Decoupling
C3 = 100 pF (Size 0603)
C7 = 0.1
µF (Size 0603)
R4 = 0
Ω (Size 0603)
C1, C5
Input AC-Coupling Capacitors
C1 = C5 = 1 nF (Size 0603)
C2, C8
Video Filtering: C2 and C8 limit the video bandwidth of the Gain and Phase
C2 = C8 = Open (Size 0603)
output respectively.
C4, C6
Offset Feedback: These set the high-pass corner of the offset cancellation loop,
and thus with the input AC-coupling capacitors the minimum operating frequency. C4 = C6 = 1 nF (Size 0603)
SW1
GSET Signal Source: When SW1 is in the position shown, the device is in gain
SW1 = Installed
measure mode, when switched it operates in comparator mode and a signal
must be applied to GSET.
SW2
PSET signal source: When SW2 is in the position shown, the device is in phase
SW1 = Installed
measure mode, when switched it operates in comparator mode and a signal
must be applied to PSET.
R5
GAIN
SW1
GSET
VREF
PSET
PHASE
R9
R3
R6
SW2
MFLT 14
VMAG 13
MSET 12
VREF 11
PSET 10
VPHS 9
PFLT 8
AD8302
C2
C8
R7
R8
C7
VP
VP
1
COMM
INPA
2
OFSA
3
VPOS
4
OFSB
5
INPB
6
COMM
7
C1
C4
C6
C5
R4
C3
INPA
INPB
R1
R2
GND
Figure 14. Evaluation Board Schematic
Figure 15a. Component Side Metal of Evaluation Board
Figure 15b. Component Side Silk Screen of Evaluation Board
Table II. P1 Pin Allocations
1
Common
2
VPOS
3
Common



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com