Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8302 Datasheet (PDF) - Analog Devices

AD8302 Datasheet PDF - Analog Devices
Part # AD8302
Download  AD8302 Download
File Size   533.61 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LF.2.7 GHz RF/IF Gain and Phase Detector

AD8302 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8302 Datasheet PDF - Analog Devices

Part # AD8302
Download  AD8302 Click to download

File Size   533.61 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LF.2.7 GHz RF/IF Gain and Phase Detector

AD8302 Datasheet (HTML) - Analog Devices


AD8302 Product details

PRODUCT DESCRIPTION
The AD8302 is a fully integrated system for measuring gain/loss and phase in numerous receive, transmit, and instrumentation applications. It requires few external components and a single supply of 2.7 V–5.5 V. The ac-coupled input signals can range from –60 dBm to 0 dBm in a 50 Ω system, from low frequencies up to 2.7 GHz. The outputs provide an accurate measurement of either gain or loss over a ±30 dB range scaled to 30 mV/dB, and of phase over a 0°–180° range scaled to 10 mV/degree. Both subsystems have an output bandwidth of 30 MHz, which may optionally be reduced by the addition of external filter capacitors. The AD8302 can be used in controller mode to force the gain and phase of a signal chain toward predetermined setpoints.
The AD8302 comprises a closely matched pair of demodulating logarithmic amplifiers, each having a 60 dB measurement range. By taking the difference of their outputs, a measurement of the magnitude ratio or gain between the two input signals is available. These signals may even be at different frequencies, allowing the measurement of conversion gain or loss. The AD8302 may be used to determine absolute signal level by applying the unknown signal to one input and a calibrated ac reference signal to the other. With the output stage feedback connection disabled, a comparator may be realized, using the setpoint pins MSET and PSET to program the thresholds.

FEATURES
   Measures Gain/Loss and Phase up to 2.7 GHz
   Dual Demodulating Log Amps and Phase Detector
   Input Range –60 dBm to 0 dBm in a 50 Ω System
   Accurate Gain Measurement Scaling (30 mV/dB)
      Typical Nonlinearity < 0.5 dB
   Accurate Phase Measurement Scaling (10 mV/Degree)
      Typical Nonlinearity < 1 Degree
   Measurement/Controller/Level Comparator Modes
   Operates from Supply Voltages of 2.7 V–5.5 V
   Stable 1.8 V Reference Voltage Output
   Small Signal Envelope Bandwidth from DC to 30 MHz
  
APPLICATIONS
   RF/IF PA Linearization
   Precise RF Power Control
   Remote System Monitoring and Diagnostics
   Return Loss/VSWR Measurements
   Log Ratio Function for AC Signals




Similar Part No. - AD8302

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8302 AD-AD8302 Datasheet
560Kb / 24P
LF-2.7 GHz RF/IF Gain and Phase Detector
REV. A
AD8302 AD-AD8302 Datasheet
581Kb / 23P
LF??.7 GHz RF/IF Gain and Phase Detector
AD8302 AD-AD8302 Datasheet
568Kb / 24P
RF/IF Gain and Phase Detector
REV. A
AD8302-EVAL AD-AD8302-EVAL Datasheet
560Kb / 24P
LF-2.7 GHz RF/IF Gain and Phase Detector
REV. A
AD8302-EVAL AD-AD8302-EVAL Datasheet
538Kb / 24P
LF??.7 GHz RF/IF Gain and Phase Detector
REV. A
More results


Similar Description - AD8302

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8353 AD-AD8353 Datasheet
198Kb / 12P
100 MHz-2.7 GHz RF Gain Block
REV.0
AD8354 AD-AD8354 Datasheet
275Kb / 16P
100 MHz-2.7 GHz RF Gain Block
6/02-Data Sheet changed from REV. 0 to REV. A.
AD8364 AD-AD8364 Datasheet
2Mb / 48P
LF to 2.7 GHz Dual 60 dB TruPwr Detector
4/05-Revision 0
AD8302 AD-AD8302_02 Datasheet
560Kb / 24P
LF-2.7 GHz RF/IF Gain and Phase Detector
REV. A
AD8302ARUZ AD-AD8302ARUZ Datasheet
538Kb / 24P
LF??.7 GHz RF/IF Gain and Phase Detector
REV. A
AD8302 AD-AD8302_15 Datasheet
568Kb / 24P
RF/IF Gain and Phase Detector
REV. A
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8364 AD-AD8364_15 Datasheet
1Mb / 44P
LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. B
AD8364 AD-AD8364_16 Datasheet
1Mb / 44P
LF to 2.7 GHz Dual 60 dB TruPwr Detector
AD8302 AD-AD8302_18 Datasheet
581Kb / 23P
LF??.7 GHz RF/IF Gain and Phase Detector
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com