Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8303 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8303
Description  3 V, Dual, Serial Input Complete 12-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8303 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8303 Datasheet HTML 8Page - Analog Devices AD8303 Datasheet HTML 9Page - Analog Devices AD8303 Datasheet HTML 10Page - Analog Devices AD8303 Datasheet HTML 11Page - Analog Devices AD8303 Datasheet HTML 12Page - Analog Devices AD8303 Datasheet HTML 13Page - Analog Devices AD8303 Datasheet HTML 14Page - Analog Devices AD8303 Datasheet HTML 15Page - Analog Devices AD8303 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8303
REV. 0
–13–
AD8303-MC68HC11 INTERFACE
The circuit illustrated in Figure 33 shows a serial interface
between the AD8303 and the MC68HC11 8-bit micro-
processor. The MOSI output drives the AD8303’s serial data
input, SDI, while SCK drives the clock (CLK). The DAC’s CS,
LDA
, LDB, MSB and RS inputs are driven by lines PD5 and
PC0–PC3, respectively.
(PD3) MOSI
(PD4) SCK
(PD5) SS
PC0
PC1
PC2
PC3
SDI
CLK
CS
LDA
LDB
MSB
RS
MC68HC11
AD8303
NOTE: ADDITIONAL PINS OMITTED FOR CLARITY
Figure 33. AD8303-MC68HC11 Serial Interface
To load data into the AD8303, the 68HC11’s CPOL and
CPHA bits are set high. This action configures the
µC to
transfer data on the rising edge of the serial clock. After CS is
set low, two bytes of data are sent to the AD8303 using the
format shown in Figure 28. Then LDA or LDB are strobed low,
transferring the serial-input register contents to the appropriate
DAC. The RS and MSB inputs allow the DAC to be reset to
either zero volts or half scale at any time.
AN 8051
µC INTERFACE
A typical interface between the AD8303 and an 8051
µC is
shown in Figure 34. This interface also uses the
µC’s internal
serial port. The serial port is programmed for Mode 0
operation, which functions as a simple 8-bit shift register. The
8051’s Port 3.0 pin functions as the serial data output, while
Port 3.1 serves as the serial clock. The LDA and LDB pins are
controlled by the 8051’s Port 1.0 and Port 1.1 lines, respectively.
(P3.0) RxD
(P3.1) TxD
P1.0
P1.1
SDI
CLK
LDA
LDB
80CL51
AD8303
NOTE: ADDITIONAL PINS OMITTED FOR CLARITY
RS
CS
MSB
SHDN
+
7
6
8
10
9
5
11
12
VDD
10k
1µF
VDD
Figure 34. AD8303-80CL51 Serial Interface
The 8051’s serial data transmission is straightforward. When
data is written to the serial buffer register (SBUF, at Special
Function Register location 99H), the data is automatically
converted to serial format and clocked out via Port 3.0 and Port
3.1 After 8 bits have been transmitted, the Transmit Interrupt
flag (SCON.1) is set and the next 8 bits can be transmitted.
The circuit of Figure 34 demonstrates “hardwiring” many of the
AD8303 features which may not have to be changed within a
given design. For example, the reset feature is controlled by a
resistor and capacitor. This produces a power-on reset pulse
without requiring a
µC I/O pin. The MSB pin can be hardwired
to VDD or ground, depending on whether a reset to 0 V or half
scale is required. If the AD8303 is the only device on the serial
interface, CS can also be tied to ground. Finally, SHDN can be
tied to VDD if the shutdown feature will not be used.
Software for the interface of Figure 34 is shown in Figure 35.
This routine sends the 12-bit value placed in registers
DAC_VAL0 and DAC_VAL1 to the DAC addressed by the two
LSBs of DAC_ADDR.
The subroutine begins by setting appropriate bits in the Serial
Control register to configure the serial port for Mode 0
operation. The MSBs of the DAC value are obtained from
memory location DAC_VAL1, adjusted to compensate for the
8051’s serial data format, and moved to the serial buffer
register. At this point, serial data transmission begins
automatically. When all 8 bits have been sent, the Transmit
Interrupt bit is set, and the subroutine then proceeds to send the
LSBs of the DAC value, stored at location DAC_VAL0. Next
the LDA and LDB bits from DAC_ADDR are logically ANDed
with Port1. This action sets the appropriate AD8303 DAC
select input low and transfers the DAC value from the serial-
input register to the DAC register, causing the DAC output
voltage to change. Finally the LDA and LDB inputs are driven
high to await the next DAC update.
The 8051 sends data out of its shift register LSB first, while the
AD8303 requires data MSB first. The subroutine therefore
includes a BYTESWAP subroutine to reformat the data. This
routine transfers the MSB-first byte at location SHIFTREG to
an LSB-first byte at location SENDBYTE. The routine rotates
the MSB of the first byte into the carry with a Rotate Left Carry
instruction, then rotates the carry into the MSB of the second
byte with a Rotate Right Carry instruction. After 8 loops,
SENDBYTE contains the data in the proper format. The
BYTESWAP routine in Listing C is convenient because the
DAC data can be calculated in normal LSB form.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com