Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX20708 Datasheet(PDF) 1 Page - Synaptics Incorporated.

Part # CX20708
Description  High Fidelity 16-bit ADC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20708 Datasheet(HTML) 1 Page - Synaptics Incorporated.

  CX20708 Datasheet HTML 1Page - Synaptics Incorporated. CX20708 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CX20708 Super Wideband Voice Input Processor SoC
Complies with Skype Certification requirements for TV solutions
Conexant's CX20708 is industry's
first dedicated Super Wideband
Voice Input Processor SoC for
Telepresence and Speech
Recognition applications. This highly
integrated SoC features high-fidelity
16-bit ADC, microphone pre-amp,
Asynchronous Sample Rate
Converter, Sync Buffer, and our
award-winning Digital Signal
Processor.
The included advanced super-
wideband voice processing
algorithms deliver a crisp clear, full-
duplex, low-latency, audio
experience, requiring as little as two
matched high-sensitivity
unidirectional microphones. The
flexible USB and I2S/I2C interfaces
are ideal for integration in the High
Definition Camera module or directly
inside the Television/ Set-Top-Box.
The CX20708 is a turnkey, single-
chip solution that compensates for
microphone self-noise, eliminates
ambient noise, and maximizes long
distance voice pick-up, all
withoutloading the host CPU. This
allows the system designer to
achieve a consistent level of voice
performance cross software
applications and fast to market.
Conexant offers complete an
Evaluation Kit (EVK), including the
EVK board, data sheet, reference
design schematics, AVL, and sample
silicon.
Applications
Telepresence/Unified
Communication Device
Speech Recognition applications
Key Features
Benefits
I2S/USB Interface
Flexible topology to match with the host
system
Integrated Super Wideband Voice Processing
Higher performance voice quality
Far Field Pickup Microphone and Beam
Forming
Only require minimum of 2 microphones for
long range speakerphone and speech
recognition usage
Integrated microphone pre-amp, ADC, and
DSP
Single chip voice input
Sub-band Acoustic Echo Cancellation
Enable full duplex speech recognition.
Part Number CX20708
Description Super Wideband Voice
Input Processor SoC


Similar Part No. - CX20708

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX20701 CONEXANT-CX20701 Datasheet
121Kb / 2P
Eight GPIO pins
CX20702 CONEXANT-CX20702 Datasheet
633Kb / 1P
Simplified cabling for ease of use
CX20703 CONEXANT-CX20703 Datasheet
260Kb / 2P
Flexible power management
CX20704 CONEXANT-CX20704 Datasheet
647Kb / 2P
Flexible power management
CX20705 CONEXANT-CX20705 Datasheet
643Kb / 2P
USB 2.0 Compliant Audio Class Interface
More results

Similar Description - CX20708

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
16-Bit, 130Msps ADC
LTC2209 LINER-LTC2209 Datasheet
1Mb / 32P
16-Bit, 160Msps ADC
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
logo
Linear Technology
LTC1605 LINER-LTC1605_15 Datasheet
339Kb / 16P
16-Bit, 100ksps, Sampling ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LTC2107 LINER-LTC2107_15 Datasheet
528Kb / 32P
16-Bit, 210Msps High Performance ADC
LTC2208 LINER-LTC2208_15 Datasheet
969Kb / 32P
16-Bit, 130Msps ADC
LTC2209 LINER-LTC2209_15 Datasheet
603Kb / 32P
16-Bit, 160Msps ADC
logo
Cirrus Logic
CDB5581 CIRRUS-CDB5581 Datasheet
636Kb / 26P
200 kSps, 16-bit, High-throughput ADC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com