Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX20708 Datasheet(PDF) 2 Page - Synaptics Incorporated.

Part # CX20708
Description  High Fidelity 16-bit ADC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20708 Datasheet(HTML) 2 Page - Synaptics Incorporated.

  CX20708 Datasheet HTML 1Page - Synaptics Incorporated. CX20708 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CX20708 Features
CODEC
High Fidelity 16-bit ADC
Configurable Microphone Pre-
amp, up to 40 dB
Mic Bias
On-chip, 50 MIPS, Dual Core
Audio Processor
Fractional SRC and Sync Buffers
Serial Data Interface (I2S/PCM)
I2C Control Interface
USB 2.0, Full Speed UAC
compliant interface, Slave
Support Asynchronous USB
Audio Data Transfer Mode
Super Wideband Voice
Processing Algorithms
Sub-band Acoustic Echo
Canceller
Beam Forming
In-band Acoustic Noise Reduction
Far Field Pickup Microphone Auto
Gain Control
Parametric Microphone EQ
Audio sample rate: 8,16, 24, 32,
44.1, 48 kHz
9x9mm 76 QFN Package
Conexant Product Portfolio
Conexant’s comprehensive product portfolio includes solutions for imaging, audio, video surveillance, and embedded modem applications.
DMA
DSP
Memory
Controller
DMA
UART
Jack
Sense
Clock
Circuitry
Bias
Generator
MON
ADC
USB
PCM/I2S
Volume
ADC
ADC
MIC In
MIC In
Mic Bias
Mic Bias
XTAL In/
Master In
XTAL Out
Sense
Voltage Monitor
SPI
I2C Slave
DSP
PCM/I2S
CX20708 Interface Diagram
© 2011 Conexant Systems, Inc. All Rights Reserved. Conexant and the
Conexant logo are registered trademarks of Conexant Systems, Inc. All other
trademarks are owned by their respective owners. Although Conexant strives
for accuracy in all its publications, this material may contain errors or
omissions and is subject to change without notice. THIS MATERIAL IS
PROVIDED AS IS AND WITHOUT ANY EXPRESS OR IMPLIED
WARRANTIES, INCLUDING MERCHANT ABILITY, FITNESS FOR A
PAPARTICULAR PURPOSE AND NON-INFRINGEMENT. Conexant shall
not be liable for any special, indirect, incidental or consequential damages as
a result of its use.
www.conexant.com
General Information:
U.S. and Canada: (888) 855-4562
International: 1+ (949) 483-3000
Headquarters
4000 MacArthur Blvd.
Newport Beach, CA 92660
Doc# PBR-202748



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com