Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8309 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8309
Description  5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8309 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8309 Datasheet HTML 9Page - Analog Devices AD8309 Datasheet HTML 10Page - Analog Devices AD8309 Datasheet HTML 11Page - Analog Devices AD8309 Datasheet HTML 12Page - Analog Devices AD8309 Datasheet HTML 13Page - Analog Devices AD8309 Datasheet HTML 14Page - Analog Devices AD8309 Datasheet HTML 15Page - Analog Devices AD8309 Datasheet HTML 16Page - Analog Devices AD8309 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. B
AD8309
–13–
Because of the very high gain bandwidth product of this ampli-
fier considerable care must be exercised in using the limiter
outputs. The minimum necessary bias current and voltage
swings should be used. These outputs are best utilized in a fully-
differential mode. A flux-coupled transformer, a balun, or an
output matching network can be selected to transform these
voltages to a single-sided form. Equal load resistors are recom-
mended, even when only one output pin is used, and these
should always be returned to the same well decoupled node on
the PC board. When the AD8309 is used only to generate an
RSSI output, the limiter should be completely disabled by omit-
ting RLIM and strapping LMHI and LMLO to VPS2.
OA
VPS2
LMHI
LMLO
COM1
LMDR
RLIM
2.6k
1.3k
1.3k
Q1
4e
Q2
4e
Q3
1.3k
1.3k
FROM FINAL
LIMITER STAGE
400mV
ZERO-TC
Figure 28. Limiter Output Interface
RSSI Output Interface
The outputs from the ten detectors are differential currents,
having an average value that is dependent on the signal input
level, plus a fluctuation at twice the input frequency. The cur-
rents are summed at the internal nodes LGP and LGN shown in
Figure 29. A further current ITC is added to LGP, to position
the intercept to –108 dBV, by raising the RSSI output voltage
for zero input, and to provide temperature compensation , re-
sulting in a stable intercept. For zero signal conditions, all the
detector output currents are equal. For a finite input, of either
polarity, their difference is converted by the output interface to
a single-sided voltage nominally scaled 20 mV/dB (400 mV per
decade), at the output VLOG (Pin 16). This scaling is con-
trolled by a separate feedback stage, having a tightly controlled
transconductance. A small uncertainty in the log slope and
intercept remains (see Specifications); the intercept may be
adjusted (see Applications).
VPS2
FLTR
VLOG
20mV/dB
COMM
ISOURCE
>50mA
ON DEMAND
C1
3.5pF
CURRENT
MIRROR
ISINK
FIXED
1mA
3.3k
3.3k
125 A
1.3k
1.3k
VLOG
TRANSCONDUCTANCE
DETERMINES SLOPE
IT
LGP
LGN
SUMMED
DETECTOR
OUTPUTS
CF
250 s
Figure 29. Simplified RSSI Output Interface
The RSSI output bandwidth, fLP, is nominally 3.5 MHz. This is
controlled by the compensation capacitor C1, which may be
increased by adding an external capacitor, CF, between FLTR
(Pin 10) and VLOG (Pin 16). An external 33 pF will reduce fLP
to 350 kHz, while 360 pF will set it to 35 kHz, in each case with
an essentially one-pole response. In general, the relationships
are:
C
f
pF
f
CpF
F
LP
LP
F
=
×
=
×
+
−
12 7 10
35
12 7 10
35
10
6
.
–.
;
.
.
–
(7)
Using a load resistance of 50
Ω or greater, and at any tempera-
ture, the peak output voltage may be at least 2.4 V when using a
supply of 4.5 V, and at least 2.1 V for a 3 V supply, which are
consistent with the maximum permissible input levels. The incre-
mental output resistance is approximately 0.3
Ω at low frequen-
cies, rising to 1
Ω at 150 kHz and 18 Ω at very high frequencies.
The output is unconditionally stable with load capacitance, but
it should be noted while the peak sourcing current is over 100 mA,
and able to rapidly charge even large capacitances, the internally
provided sinking current is only 1 mA. Thus, the fall time from
the 2 V level will be as long as 2
µs for a 1 nF load. This may be
reduced by adding a grounded load resistance.
USING THE AD8309
The AD8309 exhibits very high gain from 1 MHz to over 1 GHz,
at which frequency the gain of the main path is still over 65 dB.
Consequently, it is susceptible to all signals within this very
broad frequency range which find their way to the input termi-
nals. It is important to remember that these are quite indistin-
guishable from the “wanted” signal, and will have the effect of
raising the apparent noise floor (that is, lowering the useful
dynamic range). Therefore, while the signal of interest may be
an IF of, say, 200 MHz, any of the following could easily be
larger than this signal at the lower extremities of its dynamic
range: a 60 Hz hum, picked up due to poor grounding tech-
niques; spurious coupling from digital logic on the same PC
board; a strong EMI source; etc.
Very careful shielding is essential to guard against such un-
wanted signals, and also to minimize the likelihood of instability
due to HF feedback from the limiter outputs to the input. With
this in mind, the minimum possible limiter gain should be used.
Where only the logarithmic amplifier (RSSI) function is re-
quired, the limiter should be disabled by omitting RLIM and
tying the outputs LMHI and LMLO directly to VPS2.
A good ground plane should be used to provide a low imped-
ance connection to the common pins, for the decoupling
capacitor(s) used at VPS1 and VPS2, and at the output ground.
It is inadvisable to assume that any ground plane is an equipo-
tential, however, and neither of the signal inputs should be ac-
coupled directly to it, but kept separate, being returned instead
to the “low” associated with the source. This requires isolating
the “low”’ side of an input connector with a small resistance to
the ground plane. Note that COM2 is a special ground pin
serving just the RSSI output.
The voltages at the two supply pins should not be allowed to
differ greatly; up to 500 mV is permissible It is desirable to
allow VPS1 to be slightly more negative than VPS2. When the
primary supply is greater than 2.7 V, the decoupling resistors R1
and R2 may be increased to improve the isolation and lower
dissipation in the IC. However, since VPS2 supports the RSSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com