Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8309 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8309
Description  5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8309 Datasheet(HTML) 4 Page - Analog Devices

  AD8309 Datasheet HTML 1Page - Analog Devices AD8309 Datasheet HTML 2Page - Analog Devices AD8309 Datasheet HTML 3Page - Analog Devices AD8309 Datasheet HTML 4Page - Analog Devices AD8309 Datasheet HTML 5Page - Analog Devices AD8309 Datasheet HTML 6Page - Analog Devices AD8309 Datasheet HTML 7Page - Analog Devices AD8309 Datasheet HTML 8Page - Analog Devices AD8309 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. B
ENABLE VOLTAGE – V
100
0.00001
0.5
2.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
10
1
0.1
0.01
0.001
0.0001
+25 C
+85 C
–40 C
Figure 1. Supply Current vs. Enable Voltage @
TA = –40°C, +25°C and +85°C
VLOG
500mV PER
VERTICAL
DIVISION
500ns PER HORIZONTAL
DIVISION
GROUND REFERENCE
5V PER
VERTICAL
DIVISION
ENBL
–13dBV
–33dBV
–53dBV
–73dBV
–93dBV
Figure 2. Power On/Off Response Time with RF Input of
–93 dBV to –13 dBV
VLOG
INPUT
500mV PER
VERTICAL DIVISION
200ns PER HORIZONTAL
DIVISION
GROUND REFERENCE
500mV PER
VERTICAL DIVISION
Figure 3. Large Signal RSSI Pulse Response with
CL = 100 pF and RL = 50 Ω and 75 Ω (Curves Overlap)
AD8309–Typical Performance Characteristics
–4–
GROUND REFERENCE
100ns PER HORIZONTAL
DIVISION
500mV PER
VERTICAL DIVISION
+10dBm INPUT
LEVEL SHOWN
HERE
VLOG
500mV PER
VERTICAL
DIVISION
Figure 4. RSSI Pulse Response for Inputs Stepped from
Zero to –63 dBV, –43 dBV, –23 dBV, –3 dBV
GROUND REFERENCE
VLOG
INPUT
500mV PER
VERTICAL
DIVISION
100ns PER HORIZONTAL
DIVISION
1V PER VERTICAL
DIVISION
Figure 5. Large Signal RSSI Pulse Response with RL = 100 Ω
and CL = 33 pF, 100 pF and 330 pF (Curves Overlap)
200mV PER
VERTICAL DIVISION
100 s PER
HORIZONTAL
DIVISION
27pF
3300pF
GROUND REFERENCE
270pF
VLOG
Figure 6. Small Signal AC Response of RSSI Output with
External Filter Capacitance of 27 pF, 270 pF and 3300 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com