Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD831 Datasheet(PDF) 13 Page - Analog Devices

Part # AD831
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD831 Datasheet HTML 8Page - Analog Devices AD831 Datasheet HTML 9Page - Analog Devices AD831 Datasheet HTML 10Page - Analog Devices AD831 Datasheet HTML 11Page - Analog Devices AD831 Datasheet HTML 12Page - Analog Devices AD831 Datasheet HTML 13Page - Analog Devices AD831 Datasheet HTML 14Page - Analog Devices AD831 Datasheet HTML 15Page - Analog Devices AD831 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD831
REV. B
–13–
Table I. AD831 Mixer Table,
4.5 V Supplies, LO = –9 dBm
LO Level
–9.0 dBm, LO Frequency 130.7 MHz, Data File imdTB10771
RF Level
0.0 dBm, RF Frequency 120 MHz
Temperature Ambient
Dut Supply
±4.50 V
VPOS Current
90 mA
VNEG Current
91 mA
Intermodulation Table RF harmonics (rows)
× LO harmonics (columns).
First row absolute value of nRF-mLO, and second row is the sum.
01234567
0
–32.7
–35.7
–21.1
–11.6
–19.2
–35.1
–41.9
–32.7
–35.7
–21.1
–11.6
–19.2
–35.1
–41.9
1
–31.6
0.0
–37.2
–41.5
–30.4
–34.3
–25.2
–40.1
–31.6
–28.5
–26.7
–28.0
–27.2
–33.2
–34.3
–44.8
2
–45.3
–48.2
–39.4
–57.6
–44.9
–42.4
–40.2
–40.2
–45.3
–42.4
–49.4
–42.5
–51.1
–46.2
–58.1
–61.6
3
–54.5
–57.1
–57.5
–50.6
–62.6
–55.8
–59.7
–55.2
–54.5
–65.5
–46.0
–63.7
–60.6
–69.6
–72.7
–73.5
4
–67.1
–63.1
–69.9
–69.9
–69.6
–74.1
–69.7
–58.6
–67.1
–53.6
–72.9
–71.2
–70.1
–72.6
–73.5
–72.7
5
–53.5
–62.6
–73.8
–72.3
–70.7
–71.1
–74.3
–73.0
–53.5
–68.4
–70.8
–72.8
–73.4
–73.2
–73.3
–72.5
6
–73.6
–57.7
–68.6
–73.1
–73.8
–73.0
–72.9
–74.4
–73.6
–73.5
–72.7
–73.5
–73.6
–73.1
–72.4
–73.7
7
–73.8
–73.9
–63.4
–72.6
–74.6
–74.9
–73.6
–74.5
–73.8
–73.8
–73.2
–73.8
–72.6
–73.7
–73.5
–72.9
Table II. AD831 Mixer Table,
5 V Supplies, LO = –9 dBm
LO Level
–9.0 dBm, LO Frequency 130.7 MHz, Data File imdTB13882
RF Level
0.0 dBm, RF Frequency 120 MHz
Temperature Ambient
Dut Supply
±5.00 V
VPOS Current
102 mA
VNEG Current
102 mA
Intermodulation table RF harmonics (rows)
× LO harmonics (columns).
First row absolute value of nRF-mLO, and second row is the sum.
01234567
0
–36.5
–46.5
–33.0
–17.0
–23.0
–34.2
–45.6
–36.5
–46.5
–33.0
–17.0
–23.0
–34.2
–45.6
1
–37.5
0.0
–41.2
–41.1
–38.5
–29.0
–31.7
–47.4
–37.5
–29.1
–38.7
–22.9
–28.4
–35.3
–34.3
–52.4
2
–45.9
–45.2
–47.6
–61.5
–53.7
–43.5
–41.5
–41.8
–45.9
–39.4
–35.7
–38.4
–42.3
–53.7
–52.8
–66.3
3
–46.4
–53.0
–67.0
–43.0
–60.9
–47.9
–50.7
–41.0
–46.4
–40.0
–50.0
–48.9
–57.8
–57.0
–71.8
–67.4
4
–45.1
–56.0
–48.7
–64.6
–53.5
–55.7
–53.5
–51.1
–45.1
–39.0
–48.1
–58.4
–56.1
–63.8
–70.5
–67.6
5
–35.2
–45.3
–54.1
–54.1
–53.7
–57.9
–66.6
–64.3
–35.2
–53.0
–62.4
–67.3
–67.0
–69.4
–73.2
–72.9
6
–63.4
–41.1
–53.6
–66.5
–58.8
–63.3
–61.7
–71.4
–63.4
–66.3
–67.2
–67.5
–72.9
–71.2
–71.7
–73.2
7
–67.3
–65.8
–37.8
–54.6
–62.5
–71.7
–55.2
–57.1
–67.3
–61.6
–66.3
–72.9
–71.4
–70.7
–72.1
–73.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com