Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD831 Datasheet(PDF) 14 Page - Analog Devices

Part # AD831
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD831 Datasheet HTML 8Page - Analog Devices AD831 Datasheet HTML 9Page - Analog Devices AD831 Datasheet HTML 10Page - Analog Devices AD831 Datasheet HTML 11Page - Analog Devices AD831 Datasheet HTML 12Page - Analog Devices AD831 Datasheet HTML 13Page - Analog Devices AD831 Datasheet HTML 14Page - Analog Devices AD831 Datasheet HTML 15Page - Analog Devices AD831 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD831
REV. B
–14–
Table III. AD831 Mixer Table,
3.5 V Supplies, LO = –20 dBm
LO Level
–20.0 dBm, LO Frequency 130.7 MHz, Data File G1T1K 0771
RF Level
0.0 dBm, RF Frequency 120 MHz
Temperature Ambient
Dut Supply
±3.50 V
VPOS Current
55 mA
VNEG Current
57 mA
Intermodulation Table RF harmonics (rows)
× LO harmonics (columns).
First row absolute value of nRF-mLO, and second row is the sum.
01234567
0
–45.2
–35.7
–16.1
–21.6
–22.3
–32.0
–36.4
–45.2
–35.7
–16.1
–21.6
–22.3
–32.0
–36.4
1
–30.3
0.0
–33.7
–47.9
–37.5
–33.8
–32.0
–45.2
–30.3
–29.7
–28.2
–24.4
–26.0
–47.4
–35.9
–49.7
2
–50.3
–49.4
–47.4
–49.9
–48.8
–38.5
–40.7
–51.0
–50.3
–41.0
–51.4
–34.7
–49.8
–48.6
–68.5
–67.9
3
–48.4
–55.7
–58.2
–45.0
–57.0
–68.4
–55.5
–47.7
–48.4
–52.9
–50.0
–64.5
–62.8
–73.4
–74.0
–71.8
4
–66.7
–59.7
–67.2
–62.8
–58.2
–71.5
–72.9
–63.5
–66.7
–65.9
–78.1
–74.2
–77.5
–74.4
–77.9
–77.5
5
–66.9
–71.5
–73.6
–77.6
–70.8
–70.2
–75.8
–78.1
–66.9
–76.3
–78.1
–78.2
–78.1
–78.0
–77.9
–77.9
6
–78.0
–69.7
–76.7
–78.6
–78.8
–75.4
–78.1
–79.0
–78.0
–78.3
–78.3
–78.2
–78.1
–78.0
–77.9
–77.8
7
–78.4
–78.5
–76.9
–78.7
–79.0
–79.1
–78.6
–78.9
–78.4
–78.3
–78.2
–78.2
–77.9
–77.9
–77.8
–77.5
Table IV. AD831 Mixer Table,
5 V Supplies, 1 k
Bias Resistor, LO = –20 dBm
LO Level
–20.0 dBm, LO Frequency 130.7 MHz, Data File G1T1K 3881
RF Level
0.0 dBm, RF Frequency 120 MHz
Temperature Ambient
Dut Supply
±3.50 V
VPOS Current
59 mA
VNEG Current
61 mA
Intermodulation table RF harmonics (rows)
× LO harmonics (columns).
First row absolute value of nRF-mLO, and second row is the sum.
01234567
0
–60.6
–52.3
–16.6
–12.8
–26.0
–45.0
–38.8
–60.6
–52.3
–16.6
–12.8
–26.0
–45.0
–38.8
1
–34.1
0.0
–35.2
–41.8
–29.8
–29.1
–35.3
–49.0
–34.1
–27.3
–28.7
–20.7
–32.9
–39.2
–38.2
–47.8
2
–46.6
–48.8
–40.1
–52.2
–57.9
–38.6
–45.8
–47.7
–46.6
–37.8
–47.6
–41.7
–54.2
–50.4
–64.1
–64.9
3
–41.3
–58.8
–59.5
–41.8
–61.2
–58.1
–57.5
–54.0
–41.3
–47.9
–65.2
–62.5
–64.2
–73.8
–72.3
–72.6
4
–53.9
–52.5
–73.7
–68.1
–60.3
–71.0
–63.4
–62.3
–53.9
–61.4
–70.6
–76.9
–76.8
–78.6
–78.3
–78.1
5
–66.9
–65.8
–76.6
–75.2
–65.4
–70.0
–73.6
–68.7
–66.9
–69.7
–72.9
–77.4
–77.7
–78.5
–78.4
–78.2
6
–77.4
–73.3
–73.8
–78.8
–79.2
–73.6
–74.9
–79.3
–77.4
–78.6
–78.7
–78.6
–78.6
–78.4
–78.2
–78.2
7
–78.9
–79.0
–77.9
–78.0
–79.3
–79.5
–79.3
–79.3
–78.9
–78.8
–78.7
–78.6
–78.3
–78.3
–78.1
–78.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com