Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8320 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8320
Description  Serial Digital Controlled Variable Gain Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8320 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8320 Datasheet HTML 9Page - Analog Devices AD8320 Datasheet HTML 10Page - Analog Devices AD8320 Datasheet HTML 11Page - Analog Devices AD8320 Datasheet HTML 12Page - Analog Devices AD8320 Datasheet HTML 13Page - Analog Devices AD8320 Datasheet HTML 14Page - Analog Devices AD8320 Datasheet HTML 15Page - Analog Devices AD8320 Datasheet HTML 16Page - Analog Devices AD8320 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8320
–13–
REV. 0
Enhanced Dynamic Range Application
The AD8320 can be combined with the AD603 to give addi-
tional dynamic range as shown in Figure 47. The AD603 is a
voltage controlled variable gain amplifier. The gain of the AD603 is
determined by the difference in voltage between the GPOS and
GNEG pins. This differential voltage has a range of
±0.5 V. In
this example, the voltage on GNEG is tied to +0.5 V. As the
voltage on GPOS is varied from 0 V to 1 V, the gain of the AD603
changes from –10 dB to +30 dB with a slope of 25 mV/dB (i.e.,
linear in dB). The gain control voltage is supplied by the AD7801
DAC. The output voltage of the DAC (0 V to +2.5 V) is divided
down to fit the 0 V to 1 V range of the AD603 using a resistor
attenuator network.
In order that the same gain control word can be used for both
the AD603 and the AD8320, the serial data stream is converted
to the parallel format of the AD7801 DAC using a serial-to-
parallel shift register. The rising edge of the enable pulse simul-
taneously updates both amplifiers.
As the control word is varied from 00Dec to 255Dec, the gain of
the signal chain varies from –26 dB to +50 dB (there is 6 dB of
attenuation between AD603 and AD8320). In practice, this
circuit is not usable at the lower end of the gain range due to the
small input signal (11 dBmV or about 10 mV p-p). Figure 48
shows the spectrum of the output signal at a frequency of
42 MHz and an output level of 61 dBmV (3.1 V p-p, max gain).
The gain vs. code transfer function of the two amplifiers along
with the overall gain is shown in Figure 49. The overall gain
transfer function combines a linear in dB transfer function with
a linear in Volts/Volt transfer function. It is clear from Figure 49
that the overall gain transfer function can be considered to be
approximately linear in dB over the top 50 dB of its range.
Figure 48. Output Spectrum of Enhanced Dynamic Range
Circuit (Output Level = 61 dBmV, Frequency = 42 MHz)
0
GAIN CONTROL WORD – Decimal
10
0
161
21
41
61
81 101 121 141
50
30
20
60
40
181 201 221 241
–10
–20
–30
AD8320/AD603
AD8320
AD603
Figure 49. Gain Transfer Function of Enhanced Dynamic
Range Circuit
75
TO MODEM
RECEIVE
CHANNEL
AD7801*
DIPLEXER
+12V
VIN
220
220
75
41dBmV
61dBmV
58dBmV
VIN
COMM
1.5
1k
+5V
–5V
+0.5V
11dBmV
DATA
CLK
ENABLE
PD
D0–D7
CLK
100
GPOS
GNEG
VNEG
FBDK
VOUT
VPOS
AD8320*
CS
D0–D7
WR LDAC
AD603*
74HCT164*
8
AB
20pF
0.1 F
*ADDITIONAL PINS AND
DECOUPLING CAPACITORS
OMITTED FOR CLARITY
PD
CLR
VDD
REFIN
5V
AGND DGND
Figure 47. Enhanced Dynamic Range Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com