Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8323 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8323
Description  5 V CATV Line Driver Fine Step Output Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8323 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8323 Datasheet HTML 2Page - Analog Devices AD8323 Datasheet HTML 3Page - Analog Devices AD8323 Datasheet HTML 4Page - Analog Devices AD8323 Datasheet HTML 5Page - Analog Devices AD8323 Datasheet HTML 6Page - Analog Devices AD8323 Datasheet HTML 7Page - Analog Devices AD8323 Datasheet HTML 8Page - Analog Devices AD8323 Datasheet HTML 9Page - Analog Devices AD8323 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. 0
AD8323
–6–
FUNDAMENTAL FREQUENCY – MHz
–60
5
–65
–70
–75
–80
–85
15
25
35
45
55
65
POUT = 61dBmV
@ MAX GAIN
POUT = 62dBmV
@ MAX GAIN
POUT = 58dBmV
@ MAX GAIN
POUT = 60dBmV
@ MAX GAIN
TPC 7. Second Order Harmonic Distortion vs. Frequency
for Various Output Levels
FUNDAMENTAL FREQUENCY – MHz
5
–45
–50
–55
–60
–65
15
25
35
45
55
65
POUT = 60dBmV
@ MAX GAIN
POUT = 58dBmV
@ MAX GAIN
POUT = 62dBmV
@ MAX GAIN
POUT = 61dBmV
@ MAX GAIN
TPC 8. Third Order Harmonic Distortion vs. Frequency for
Various Output Levels
FREQUENCY – MHz
41.0
60
POUT = 60dBmV
@ MAX GAIN
41.4
41.8
42.2
42.6
43.0
40
20
0
–40
50
30
10
–10
–20
–30
41.2
41.6
42.0
42.4
42.8
TPC 9. Two-Tone Intermodulation Distortion
FREQUENCY – MHz
85
1
10
100
80
75
70
65
60
55
RTI = 82.5
PD = 1
PD = 0
TPC 10. Input Impedance vs. Frequency
FREQUENCY – MHz
80
1
10
100
75
70
65
60
55
50
PD = 1
PD = 0
TPC 11. Output Impedance vs. Frequency
TEMPERATURE – C
140
–50
100
90
80
70
60
50
40
30
20
–25
0
25
50
75
100
PD = 1
PD = 0
130
120
110
TPC 12. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com