Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8323 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8323
Description  5 V CATV Line Driver Fine Step Output Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8323 Datasheet(HTML) 2 Page - Analog Devices

  AD8323 Datasheet HTML 1Page - Analog Devices AD8323 Datasheet HTML 2Page - Analog Devices AD8323 Datasheet HTML 3Page - Analog Devices AD8323 Datasheet HTML 4Page - Analog Devices AD8323 Datasheet HTML 5Page - Analog Devices AD8323 Datasheet HTML 6Page - Analog Devices AD8323 Datasheet HTML 7Page - Analog Devices AD8323 Datasheet HTML 8Page - Analog Devices AD8323 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
AD8323–SPECIFICATIONS
(TA = 25 C, VS = 5 V, RL = RIN = 75
, VIN = 116 mV p-p, VOUT measured through a 1:1
transformer1 with an insertion loss of 0.5 dB @ 10 MHz unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Specified AC Voltage
Output = 60 dBmV, Max Gain
116
mV p-p
Noise Figure
Max Gain, f = 10 MHz
13.8
dB
Input Resistance
Single-Ended Input
800
Ω
Differential Input
1600
Ω
Input Capacitance
2pF
GAIN CONTROL INTERFACE
Gain Range
52.5
53.5
54.5
dB
Maximum Gain
Gain Code = 71 Dec
26.5
27.5
28.5
dB
Minimum Gain
Gain Code = 0 Dec
–27
–26
–25
dB
Gain Scaling Factor
0.7526
dB/LSB
OUTPUT CHARACTERISTICS
Bandwidth (–3 dB)
All Gain Codes
100
MHz
Bandwidth Roll-Off
f = 65 MHz
1.3
dB
Bandwidth Peaking
f = 65 MHz
0
dB
Output Noise Spectral Density
Max Gain, f = 10 MHz
–34
dBmV in
160 kHz
Min Gain, f = 10 MHz
–48
dBmV in
160 kHz
Power-Down Mode, f = 10 MHz
–68
dBmV in
160 kHz
1 dB Compression Point
Max Gain, f = 10 MHz
18.5
dBm
Differential Output Impedance
Power-Up and Power-Down
75
± 20%
Ω
OVERALL PERFORMANCE
Second Order Harmonic Distortion
f = 21 MHz, POUT = 60 dBmV @ Max Gain
–77
dBc
f = 42 MHz, POUT = 60 dBmV @ Max Gain
–71
dBc
f = 65 MHz, POUT = 60 dBmV @ Max Gain
–64
dBc
Third Order Harmonic Distortion
f = 21 MHz, POUT = 60 dBmV @ Max Gain
–56
dBc
f = 42 MHz, POUT = 60 dBmV @ Max Gain
–55
dBc
f = 65 MHz, POUT = 60 dBmV @ Max Gain
–53
dBc
Gain Linearity Error
f = 10 MHz, Code to Code
±0.3
dB
Output Settling to 1 mV
Due to Gain Change
Min to Max Gain
60
ns
Due to Input Step Change
Max Gain, VIN = 0 V to 116 mV p-p
30
ns
Signal Feedthrough
Max Gain,
PD = 0, f = 42 MHz
–30
dBc
POWER CONTROL
Power-Up Settling Time to 1 mV
Max Gain, VIN = 0
300
ns
Power-Down Settling Time to 1 mV
Max Gain, VIN = 0
40
ns
Between Burst Transients
2
Equivalent Output = 31 dBmV
3
mV p-p
Equivalent Output = 60 dBmV
30
mV p-p
POWER SUPPLY
Operating Range
4.75
5
5.25
V
Quiescent Current
Power-Up Mode
123
133
140
mA
Power-Down Mode
30
35
40
mA
Sleep Mode
2
4
7
mA
OPERATING TEMPERATURE
–40
+85
°C
RANGE
NOTES
1TOKO 617DB-A0070 used for above specifications. MACOM ETC-1-IT-15 can be substituted.
2Between Burst Transients measured at the output of a 42 MHz diplexer.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com