Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA9550LR1 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MMA9550LR1
Description  Intelligent Motion-Sensing Platform
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA9550LR1 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MMA9550LR1 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 25Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
MMA955xL
Sensors
Freescale Semiconductor, Inc.
21
4.14
I2C Timing
This device includes a slave I2C module that can be used to control the sensor and can be active 100 percent of the time. It also
includes a master/slave I2C module that should be used only during CPU run mode (
ΦD).
Figure 12. I2C standard and fast-mode timing
4.14.1
Slave I2C
4.14.2
Master I2C Timing
The master I2C module should only be used when the system clock is running at full rate. Do not attempt to use the master I2C
module across frames in which a portion of the time is spent in low-speed mode.
Table 13. I2C Speed Ranges
Mode
Max Baud
Rate (fSCL)
Minimum
Bit Time
Minimum SCL Low
(tLOW)
Minimum SCL High
(tHIGH)
Min Data setup Time
(tSU; DAT)
Min/Max Data Hold Time
(tHD; DAT)
Standard
100 KHz
10
μs4.7 μs4 μs
250 ns
0
μs/3.45 μs(1)
1.
The maximum tHD; DAT must be at least a transmission time less than tVD;DAT or tVD;ACK. For details, see the I
2C standard.
Fast
400 KHz
2.5
μs1.3 μs0.6 μs
100 ns
0
μs/0.9 μs(1)
Fast +
1 MHz
1
μs
500 ns
260 ns
50 ns
0
μs/0.45 μs(1)
High-speed
supported
2.0 MHz
0.5
μs
200 ns
200 ns
10 ns(2)
0 ns/70 ns (100 pf)(2)
2.
Timing met with IFE = 0, DS = 1, and SE = 1. See the “Port Controls” chapter in the MMA955xL Three-Axis Accelerometer Reference Manual
(MMA955xLRM).
Table 14. Master I2C timing
Characteristic
Symbol
Standard Mode
Fast Mode
Unit
Min
Max
Min
Max
SCL clock frequency
fSCL
0
100
0
400
kHz
Hold time (repeated) START condition. After this period, the first
clock pulse is generated.
tHD; STA
4.0
—
0.6
—
μs
LOW period of the SCL clock
tLOW
4.7
—
1.3
—
μs
HIGH period of the SCL clock
tHIGH
4.0
—
0.6
—
μs
Setup time for a repeated START condition
tSU; STA
4.7
—
0.6
—
μs
Data hold time for I2C-bus devices
tHD; DAT
0(1)
1.
The master mode I2C deasserts ACK of an address byte simultaneously with the falling edge of SCL. If no slaves acknowledge this address byte, a neg-
ative hold time can result, depending on the edge rates of the SDA and SCL lines.
3.45(2)
2.
The maximum tHD; DAT must be met only if the device does not stretch the LOW period (tLOW) of the SCL signal.
0(1)
0.9(2)
μs
Data setup time
tSU; DAT
250(3)
3.
Setup time in slave-transmitter mode is one IPBus clock period, if the TX FIFO is empty.
—
100(3) (4)
4.
A fast-mode I2C bus device can be used in a Standard mode I2C bus system, but the requirement tSU; DAT ≥ 250 ns must then be met. This will automat-
ically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of the SCL signal, it must
output the next data bit to the SDA line trmax + tSU; DAT = 1000 + 250 = 1250 ns (according to the Standard-mode I
2C bus specification) before the SCL
line is released.
—ns
Setup time for STOP condition
tSU; STO
4.0
—
0.6
—
µs
Bus-free time between STOP and START condition
tBUF
4.7
—
1.3
—
µs
Pulse width of spikes that must be suppressed by the input filter
tSP
N/A
N/A
0
50
ns
SDA
SCL
tHD; STA
tHD; DAT
tLOW
tSU; DAT
tHIGH
tSU; STA
SR
P
S
S
tHD; STA
tSP
tSU; STO
tBUF
tf
tr
tf
tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com