Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA9550LR1 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MMA9550LR1
Description  Intelligent Motion-Sensing Platform
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA9550LR1 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MMA9550LR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA9550LR1 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
MMA955xL
Sensors
Freescale Semiconductor, Inc.
13
•
Minimize PCB trace lengths for high-frequency signals. This is especially critical in systems with higher capacitive loads that
could create higher transient currents in the VDD and VSS circuits.
•
Take special care to minimize noise levels on the VDDA and VSSA pins.
•
Use separate power planes for VDD and VDDA and separate ground planes for VSS and VSSA. Connect the separate analog
and digital power and ground planes as close as possible to power supply outputs. If both analog circuit and digital circuits
are powered by the same power supply, it is advisable to connect a small inductor or ferrite bead in series with both the VDDA
and VSSA traces.
•
Physically separate the analog components from noisy digital components by ground planes. Do not place an analog trace
in parallel with digital traces. It is also desirable to place an analog ground trace around an analog signal trace to isolate it
from digital traces.
•
Provide an interface to the BKGD/MS pin if in-circuit debug capability is desired.
•
Ensure that resistors RP1 and RP2, in the following figure, match the requirements stated in the I
2C standard. For the shown
configuration, the value of 4.7 k
Ω would be appropriate.
3.4.3
MMA955xL Platform as an Intelligent Slave
I2C pullup resistors, a ferrite bead, and a few bypass capacitors are all that are required to attach this device to a host platform.
The basic configurations are shown in the following two figures. In addition, the RGPIO pins can be programmed to generate
interrupts to a host platform in response to the occurrence of real-time application events. In this case, the pins should be routed
to the external interrupt pins of the CPU.
Figure 7. Platform as an I2C slave
Quiet VDDA for
best performance
1.8V
1.8V
1.8V
1.8V
1.8V
C4
1μF
C3
0.1μF
U1
MMA955X
1
3
4
5
2
9
10
11
12
13
VDD
RESETB
SCL0/IO0/SCLK
VSS
BKGD/MS/IO9
IO4/INT
VSS
IO5/PDB_A/INT_O
IO6/AN0
IO7/AN1
R2
4.7KΩ
R3
4.7KΩ
L1
10μFBEAD
1
2
C1
1μF
C2
0.1μF
R1
4.7KΩ
R4
4.7KΩ
INT_OUT
I2C_CLK
I2C_DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com