Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPL115A2
Description  Miniature I2C Digital Barometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPL115A2_13 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Sensors
Freescale Semiconductor, Inc.
3
MPL115A2
2
Mechanical and Electrical Specifications
2.1
Maximum Ratings
Voltage (with respect to GND unless otherwise noted)
VDD ..................................................................................................................... -0.3 V to +5.5 V
SHDN, RST, SDA, SCL ...............................................................................-0.3 V to VDD+0.3 V
Operating Temperature Range .......................................................................... -40°C to +105°C
Storage Temperature Range ............................................................................. -40°C to +125°C
Overpressure................................................................................................................ 1000 kPa
2.2
Operating Characteristics
VDD = 2.375 V to 5.5 V, TA = -40°C to +105°C, unless otherwise noted. Typical values are at VDD = 3.3 V, TA = +25°C.
Ref
Parameters
Symbol
Conditions
Min
Typ
Max
Units
1
Operating Supply Voltage
VDD
2.375
3.3
5.5
V
2
Supply Current
IDD
Shutdown (SHDN = GND)
—
—
1
μA
Standby
—
3.5
10
μA
Average – at one measurement per second
—
5
6
μA
Pressure Sensor
3
Range
50
—
115
kPa
4
Resolution
—0.15
—
kPa
5
Accuracy
-20ºC to 85ºC
—
—
±1
kPa
6
Power Supply Rejection
Typical operating circuit at DC
0.1
—
kPa/V
100 mV p-p 217 Hz square wave plus 100 mV
pseudo random noise with 10 MHz bandwidth
0.1
—
kPa
7
Conversion Time
(Start Pressure and Temperature
Conversion)
tc
Time between start convert command and
data available in the Pressure and
Temperature registers
—1.6
3
ms
8
Wakeup Time
tw
Time between leaving Shutdown mode
(SHDN goes high) and communicating with
the device to issue a command or read data.
—3
5
ms
I2C I/O Stages: SCL, SDA
9
SCL Clock Frequency
fSCL
—
—
400
kHz
10
Low Level Input Voltage
VIL
——
0.3VDD
V
11
High Level Input Voltage
VIH
0.7VDD
——
V
I2C Outputs: SDA
12
Data Setup Time
tSU
Setup time from command receipt to ready to
transmit
0—
0.4
s
I2C Addressing
MPL115A2 uses 7-bit addressing, does not acknowledge the general call address 0000000. Slave address has been set to 0x60 or 1100000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com