Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPL115A2
Description  Miniature I2C Digital Barometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPL115A2_13 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL115A2_13 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Sensors
2
Freescale Semiconductor, Inc.
MPL115A2
1
Block Diagram and Pin Descriptions
Figure 1. Block Diagram and Pin Connections
Table 1. Pin Description
Pin
Name
Function
1
VDD
VDD Power Supply Connection: VDD range is 2.375V to 5.5V.
2
CAP
1
μF connected to ground.
3
GND
Ground
4
SHDN
Shutdown: Connect to GND to disable the device. When in shutdown, the part draws no more than 1
μA supply
current and all communications pins (RST, SCL, SDA) are high impedance. Connect to VDD for normal
operation.
5
RST
Reset: Connect to ground to disable I2C communications.
6
NC
NC: No connection
7
SDA(1)
1.
Use 4.7k pullup resistors for I2C communication.
SDA: Serial data I/O line
8
SCL(1)
I2C Serial Clock Input.
Diff
Amp
Temp
Sensor
ADC
SCL
GND
VDD
SDA
Temperature
Pressure
Coefficient
Storage
ADDR
ADDR
ADDR
ADDR
ADDR
I2C
Interface
SHDN
RST
CAP
Diff
Amp
Temp
Sensor
ADC
SCL
GND
VDD
SDA
Temperature
Pressure
Coefficient
Storage
ADDR
ADDR
ADDR
ADDR
ADDR
ADDR
ADDR
ADDR
I2C
Interface
SHDN
RST
CAP
VDD
CAP
SHDN
SDA
RST
GND
SCL
μC
1
μF
1
μF
Microcontroller
4.7 k
4.7 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com