Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPL115A2
Description  Miniature I2C Digital Barometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPL115A2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Sensors
Freescale Semiconductor, Inc.
5
MPL115A2
Shutdown
For longer periods of inactivity the user may assert the SHDN input by driving this pin low to reduce system power consumption.
This removes power from all internal circuits, including any registers. In the shutdown state, the Pressure and Temperature
registers will be reset, losing any previous ADC output values.
This step is exited by taking the SHDN pin high. Wait for the maximum wakeup time, tw (see Row 8, in the Operating
Characteristics Table), after which another pressure reading can be taken by transitioning to the data Conversion step.
For values with less than 16 bits, the lower LSBs are zero. For example, c12 is 14 bits and is stored into 2 bytes as follows:
c12 MS byte = c12[13:6] = [c12b13 , c12b12 , c12b11 , c12b10 , c12b9 , c12b8 , c12b7 , c12b6]
c12 LS byte = c12[5:0] & “00” = [c12b5 , c12b4 , c12b3 , c12b2 , c12b1 , c12b0 , 0 , 0]
3.1
Pressure, Temperature and Coefficient Bit-Width Specifications
The table below specifies the initial coefficient bit-width specifications for the compensation algorithm and the specifications for
Pressure and Temperature ADC values.
Table 2. Device Memory Map
Address
Name
Description
Size (bits)
0x00
Padc_MSB
10-bit Pressure ADC output value MSB
8
0x01
Padc_LSB
10-bit Pressure ADC output value LSB
2
0x02
Tadc_MSB
10-bit Temperature ADC output value MSB
8
0x03
Tacd_LSB
10-bit Temperature ADC output value LSB
2
0x04
a0_MSB
a0 coefficient MSB
8
0x05
a0_LSB
a0 coefficient LSB
8
0x06
b1_MSB
b1 coefficient MSB
8
0x07
b1_LSB
b1 coefficient LSB
8
0x08
b2_MSB
b2 coefficient MSB
8
0x09
b2_LSB
b2 coefficient LSB
8
0x0A
c12_MSB
c12 coefficient MSB
8
0x0B
c12_LSB
c12 coefficient LSB
8
0x0C
Reserved*
—
—
0x0D
Reserved*
—
—
0x0E
Reserved*
—
—
0x0F
Reserved*
—
—
0x10
Reserved
—
—
0x11
Reserved
—
—
0x12
CONVERT
Start Pressure and Temperature Conversion
—
*These registers are set to 0x00. These are reserved, and were previously utilized as Coefficient values, c11 and
c22, which were always 0x00.
Pressure, Temperature and Compensation Coefficient Specifications
a0
b1
b2
c12
Padc
Tadc
Total Bits
16
16
16
14
10
10
Sign Bits
1
1
1
1
0
0
Integer Bits
12
2
1
0
10
10
Fractional Bits
3
13
14
13
0
0
dec pt zero pad
0
0
0
9
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com