Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A2 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPL115A2
Description  Miniature I2C Digital Barometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A2 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPL115A2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Sensors
10
Freescale Semiconductor, Inc.
MPL115A2
3.5
Example of Pressure Compensated Calculation in Floating-point Notation
Pressure Compensation:
Using the evaluation sequence shown in Section 3.3:
4
Solder Recommendations
1.
Use SAC solder alloy (i.e., Sn-Ag-Cu) with a melting point of about 217°C. It is recommended to use SAC305
(i.e., Sn-3.0 wt.% Ag-0.5 wt.% Cu).
2.
Reflow
• Ramp up rate: 2 to 3°C/s.
• Preheat flat (soak): 110 to 130s.
• Reflow peak temperature: 250°C to 260°C (depends on exact SAC alloy composition).
• Time above 217°C: 40 to 90s (depends on board type, thermal mass of the board/quantities in the reflow).
• Ramp down: 5 to 6°C/s.
• Using an inert reflow environment (with O2 level about 5 to 15 ppm).
a0 coefficient
=
2009.75
b1 coefficient
=
-2.37585
b2 coefficient
=
-0.92047
c12 coefficient
=
0.000790
Pressure
=
410 ADC counts
Temperature
=
507 ADC counts
c12x2
= c12 * Tadc
= 0.000790 * 507
= 0.40053
a1
= b1 + c12x2 = -2.37585 + 0.40053
= -1.97532
a1x1
= a1 * Padc
= -1.97532 * 410
= -809.8812
y1
= a0 + a1x1
= 2009.75 + (-809.8812)
= 1199.8688
a2x2
= b2 * Tadc
= -0.92047 * 507
= -466.67829
PComp
= y1 + a2x2
= 1199.8688 + (-466.67829)
= 733.19051
Pcomp
a0
b1
c12 Tadc
⋅
+
() Padc b c
()
+
⋅
+
=
Pressure (kPa)
P
=comp
115
50
–
1023
----------------------
50
+
⋅
733.19
=
115
50
–
1023
----------------------
50
+
⋅
96.59kPa
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com