Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A2T1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPL115A2T1
Description  Miniature I2C Digital Barometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A2T1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPL115A2T1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL115A2T1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL115A2T1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL115A2T1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL115A2T1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL115A2T1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A2T1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A2T1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL115A2T1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Document Number: MPL115A2
Rev. 9, 02/2013
Freescale Semiconductor
Data Sheet: Technical Data
© 2009-2013 Freescale Semiconductor, Inc. All rights reserved.
Miniature I2C Digital Barometer
The MPL115A2 is an absolute pressure sensor with a digital I2C output targeting
low cost applications. A miniature 5 x 3 x 1.2 mm LGA package is ideally suited
for the space constrained requirements of portable electronic devices. Low
current consumptions of 5
μA during Active mode and 1 μA during Shutdown
(Sleep) mode are essential when focusing on low-power applications. The wide
operating temperature range spans from -40°C to +105°C to fit demanding
environmental conditions.
The MPL115A2 employs a MEMS pressure sensor with a conditioning IC to
provide accurate pressure measurements from 50 to 115 kPa. An integrated
ADC converts pressure and temperature sensor readings to digitized outputs via
a I2C port. Factory calibration data is stored internally in an on-board ROM.
Utilizing the raw sensor output and calibration data, the host microcontroller
executes a compensation algorithm to render Compensated Absolute Pressure
with ±1 kPa accuracy.
The MPL115A2 pressure sensor’s small form factor, low power capability,
precision, and digital output optimize it for barometric measurement
applications.
Features
•
Digitized pressure and temperature information together with programmed
calibration coefficients for host micro use.
•
Factory calibrated
•
50 kPa to 115 kPa absolute pressure
•
±1 kPa accuracy
•
2.375V to 5.5V supply
•
Integrated ADC
•I2C Interface (operates up to 400 kHz)
•7-bit I2C address = 0x60
•
Monotonic pressure and temperature data outputs
•
Surface mount RoHS compliant package
Application Examples
•
Barometry (portable and desktop)
•
Altimeters
•
Weather stations
•
Hard-disk drives (HDD)
•
Industrial equipment
•
Health monitoring
•
Air control systems
ORDERING INFORMATION
Device Name
Package Options
Case No.
# of Ports
Pressure Type
Digital
Interface
None
Single
Dual
Gauge
Differential
Absolute
MPL115A2
Tray
2015
•
•
I2C
MPL115A2T1
Tape & Reel (1000)
2015
•
•
I2C
MPL115A2
50 to 115 kPa
Top View
MPL115A2
5.0 mm x 3.0 mm x 1.2 mm
Pin Connections
1
NC
SDA
VDD
CAP
SHDN
GND
RST
SCL
2
3
4
8
7
6
5


Similar Part No. - MPL115A2T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPL115A2T1 FREESCALE-MPL115A2T1 Datasheet
116Kb / 8P
Miniature I2C Digital Barometer
MPL115A2T1 FREESCALE-MPL115A2T1 Datasheet
216Kb / 8P
Miniature I2C Digital Barometer
logo
NXP Semiconductors
MPL115A2T1 NXP-MPL115A2T1 Datasheet
2Mb / 24P
Miniature I2C digital barometer, 50 to 115 kPa
Rev. 10-10 October 2017
logo
Freescale Semiconductor...
MPL115A2T1 FREESCALE-MPL115A2T1 Datasheet
944Kb / 2P
Digital barometric pressure sensor
REV 1
More results

Similar Description - MPL115A2T1

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5540B INTERSEMA-MS5540B Datasheet
370Kb / 18P
MINIATURE BAROMETER MODULE
MS5540C INTERSEMA-MS5540C Datasheet
285Kb / 18P
MINIATURE BAROMETER MODULE
logo
Freescale Semiconductor...
MPL115A1 FREESCALE-MPL115A1 Datasheet
125Kb / 8P
Miniature SPI Digital Barometer
MPL115A2 FREESCALE-MPL115A2 Datasheet
116Kb / 8P
Miniature I2C Digital Barometer
MPL115A2 FREESCALE-MPL115A2_10 Datasheet
216Kb / 8P
Miniature I2C Digital Barometer
MPL115A1 FREESCALE-MPL115A1_13 Datasheet
331Kb / 16P
Miniature SPI Digital Barometer
logo
NXP Semiconductors
MPL115A1 NXP-MPL115A1 Datasheet
3Mb / 23P
Miniature SPI digital barometer, 50 to 115 kPa
Rev. 8-10 October 2017
MPL115A2 NXP-MPL115A2 Datasheet
2Mb / 24P
Miniature I2C digital barometer, 50 to 115 kPa
Rev. 10-10 October 2017
MPL115A1S NXP-MPL115A1S Datasheet
429Kb / 23P
Miniature SPI digital barometer, 50 kPa to 115 kPa
Rev. 1.2 - 8 May 2023
logo
Vaisala
PTB330 VAISALA-PTB330 Datasheet
273Kb / 3P
BAROCAP Digital Barometer PTB330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com