Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV2050 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPXV2050
Description  50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV2050 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

  MPXV2050 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV2050 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV2050 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV2050 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV2050 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV2050 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV2050 Datasheet HTML 7Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MPXV2050
Sensors
6
Freescale Semiconductor
Pressure
PACKAGE DIMENSIONS
CASE 1369A-01
ISSUE B
SOP PACKAGE
PAGE 2 OF 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com