Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV2050 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXV2050
Description  50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV2050 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXV2050 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV2050 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV2050 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV2050 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV2050 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV2050 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV2050 Datasheet HTML 7Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MPXV2050
Rev 0, 10/2010
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2010. All rights reserved.
Pressure
50 kPa On-Chip Temperature
Compensated and Calibrated
Silicon Pressure Sensors
The MPXV2050 series devices are silicon piezoresistive pressure sensors
that provide a highly accurate and linear voltage output directly proportional to the
applied pressure. A single, monolithic silicon diaphragm with the strain gauge and
an integrated thin-film resistor network. Precise span and offset calibration with
temperature compensation are achieved by laser trimming.
Features
Temperature Compensated Over 0
°C to +85°C
Ratiometric to Supply Voltage
ORDERING INFORMATION
Device Name
Package
Options
Case No.
# of Ports
Pressure Type
Device Marking
None
Single
Dual
Gauge
Differential
Absolute
Small Outline Package (MPXV2050 Series)
MPXV2050GP
Tray
1369
MPXV2050GP
MPXV2050
Series
0 to 50 kPa (0 to 7.25 psi)
40 mV Full Scale
(Typical)
SMALL OUTLINE PACKAGE
MPXV2050GP
CASE 1369
Application Examples
Pump/Motor Control
Robotics
Level Detectors
Medical Diagnostics
Pressure Switching
Blood Pressure Measurement


Similar Part No. - MPXV2050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPXV2050G NXP-MPXV2050G Datasheet
340Kb / 15P
50 kPa Temperature Compensated Pressure Sensors
Rev. 2-22 April 2021
MPXV2050GP NXP-MPXV2050GP Datasheet
340Kb / 15P
50 kPa Temperature Compensated Pressure Sensors
Rev. 2-22 April 2021
More results

Similar Description - MPXV2050

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2050GP MOTOROLA-MPX2050GP Datasheet
130Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Freescale Semiconductor...
MPXM2053 FREESCALE-MPXM2053 Datasheet
129Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2051G FREESCALE-MPXM2051G Datasheet
218Kb / 6P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2053 FREESCALE-MPXM2053_06 Datasheet
226Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2050 FREESCALE-MPX2050_08 Datasheet
127Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_08 Datasheet
388Kb / 19P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2051G FREESCALE-MPXM2051G_09 Datasheet
113Kb / 7P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_12 Datasheet
310Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2050 NXP-MPX2050 Datasheet
167Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2008
MPX2053 NXP-MPX2053 Datasheet
377Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com