Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDF100T Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PDF100T
Description  3-PHASE, CHASSIS MOUNT WITH TERMINAL BLOCK EMI/RFI LINE FILTER.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PDF100T Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PDF100T Datasheet HTML 1Page - PowerDynamics, Inc PDF100T Datasheet HTML 2Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice. Dimensions (mm).
3-PHASE, CHASSIS MOUNT WITH TERMINAL BLOCK
EMI/RFI LINE FILTER.
PDF Series
MECHANICAL DIMENSIONS
FEATURES
The PDF series offers 3-phase filters in the compactly
constructed chassis mount package. It offers terminal block
as the connecting terminals for easy connection. This high
performance filter is ideal for many high current applications
requiring EMC compliance with various industry standards.
APPLICATIONS
Motors, compressors, non-interrupting and switching-mode
power supplies and other electronic machines.
TECHNICAL DATA
• Rated Voltage: 440VAC
• Rated Current: 16A, 32A, 50A, 100A
• Power Line Frequency: 50/60Hz
• Temperature Range: -25C to +85C
(Unit: mm)
A
B
C
D E F
G
H
AB
C
D
E
F
G
H
PDF016T 175 150 85 125 112 100 6.4 56
PDF032T 180 150 85 125 112 100 6.4 55
PDF050T 265 200 115 150 135 120 6.4 64
PDF100T 340 260 150 180 165 150 10.5 80
53
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PDF100T

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDF130ND15BH POTENS-PDF130ND15BH Datasheet
942Kb / 5P
150V N-Channel MOSFETs
Ver.2.00
PDF150N15BH POTENS-PDF150N15BH Datasheet
941Kb / 5P
150V N-Channel MOSFETs
Ver.1.00
More results

Similar Description - PDF100T

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PC05Q-1 POWERDYNAMICS-PC05Q-1 Datasheet
423Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
CHASSIS MOUNT EMI/RFI LINE FILTER
PD05PS-1 POWERDYNAMICS-PD05PS-1 Datasheet
993Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PE3P POWERDYNAMICS-PE3P Datasheet
165Kb / 4P
3 PHASE, 3 WIRE, CHASSIS MOUNT EMI/RFI LINE FILTER.
PE3P4W POWERDYNAMICS-PE3P4W Datasheet
178Kb / 3P
3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
PE05Q-1 POWERDYNAMICS-PE05Q-1 Datasheet
403Kb / 2P
CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER
PEA POWERDYNAMICS-PEA Datasheet
155Kb / 3P
CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PK01Q-50-1C POWERDYNAMICS-PK01Q-50-1C Datasheet
472Kb / 3P
CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com