Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B28BJSBN01 Datasheet(PDF) 1 Page - Dielectric Laboratories, Inc.

Part # B28BJSBN01
Description  Self Bias Network
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DILABS [Dielectric Laboratories, Inc.]
Direct Link  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.

B28BJSBN01 Datasheet(HTML) 1 Page - Dielectric Laboratories, Inc.

  B28BJSBN01 Datasheet HTML 1Page - Dielectric Laboratories, Inc. B28BJSBN01 Datasheet HTML 2Page - Dielectric Laboratories, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Self Bias Network
21
Functional Application
• Wireless communication modules
• MIC broadband high gain RF/Microwave modules
• Bias line voltage divider and integrated decoupling capacitor
Benefits
• Improves gain flatness and stability in GaAs FET
• Simplifies assembly with 1 component
• Miniature size: .020 x .034 (.5mm x .86mm)
Physical Characteristics
Equivalent Schem atic Representation
Physical Characteristics
Typical Application
Typical application requires 2 networks
Recom m ended M ounting:The self Bias N etwork should be
mounted with fully metalized side down directly on the RF
ground plane for best performance.
Custom N etworks can be designed per customer specification. Please consult factory for additional information or special requirements.
B
28
BJ
SBN 01
Product
B=Bias N etwork
Material
BJ+/-15% TC
N etworkType
Width
28
Product N um ber Identification
15353 DLI CAT R1.qxd:15353 DLI CAT R1
11/12/09
1:53 PM
Page 24


Similar Part No. - B28BJSBN01

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
B28B-KRWHK JST-B28B-KRWHK Datasheet
179Kb / 8P
2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
B28B-KRWHK-C JST-B28B-KRWHK-C Datasheet
179Kb / 8P
2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
B28B-KRWHK-F1 JST-B28B-KRWHK-F1 Datasheet
179Kb / 8P
2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
B28B-KRWHK-F1-1 JST-B28B-KRWHK-F1-1 Datasheet
179Kb / 8P
2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
B28B-KRWHK-F1-1D JST-B28B-KRWHK-F1-1D Datasheet
179Kb / 8P
2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
More results

Similar Description - B28BJSBN01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV111 NSC-LMV111 Datasheet
337Kb / 9P
Operational Amplifier with Bias Network
logo
List of Unclassifed Man...
TC3889 ETC1-TC3889 Datasheet
162Kb / 1P
5W Packaged Self-Bias PHEMT GaAs Power FETs
TC3967 ETC1-TC3967 Datasheet
25Kb / 1P
2W Packaged Self-Bias PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC3539 TRANSCOM-TC3539 Datasheet
254Kb / 4P
4.8 - 6 GHz 29dBm Self-Bias MMIC
logo
M/A-COM Technology Solu...
MA4BN1840-1 MA-COM-MA4BN1840-1 Datasheet
125Kb / 8P
Monolithic HMIC??Integrated Bias Network
logo
RF Micro Devices
SGC6489Z RFMD-SGC6489Z Datasheet
391Kb / 6P
Patented Self Bias Circuitry
logo
M/A-COM Technology Solu...
MABT-011000 MA-COM-MABT-011000 Datasheet
612Kb / 5P
Integrated Bias Network
MASW-004102-1276 MA-COM-MASW-004102-1276 Datasheet
975Kb / 6P
Integrated Bias Network
logo
AiT Semiconductor Inc.
DTA143X AITSEMI-DTA143X Datasheet
497Kb / 5P
BIAS RESISTOR TRANSISTORS NPN SILICON W/MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
MUN5211DW AITSEMI-MUN5211DW Datasheet
1Mb / 12P
BIAS RESISTOR TRANSISTOR DUAL NPN WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com